Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSL0901VT Datasheet(PDF) 1 Page - Rohm

Part # CSL0901VT
Description  Small LED with Lens
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

CSL0901VT Datasheet(HTML) 1 Page - Rohm

  CSL0901VT Datasheet HTML 1Page - Rohm CSL0901VT Datasheet HTML 2Page - Rohm CSL0901VT Datasheet HTML 3Page - Rohm CSL0901VT Datasheet HTML 4Page - Rohm CSL0901VT Datasheet HTML 5Page - Rohm CSL0901VT Datasheet HTML 6Page - Rohm CSL0901VT Datasheet HTML 7Page - Rohm CSL0901VT Datasheet HTML 8Page - Rohm CSL0901VT Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
CSL090x Series
    
Data Sheet
■Features
■Outline
• Small LED with Lens
• High brightness type
■Size
■Dimensions
■Recommended Solder Pattern
■Moisture sensitivity level(MSL) : Level 3
■Specifications
Typ. IF *2 Max. VR
Min. Typ. Max. IF *3 Min. Typ IF *3
(V) (mA) (μA) (V) (nm) (nm) (nm) (mA) (mcd) (mcd) (mA)
627 630 634
112 180
615 620 625
140 280
602 605 608
224 400
587 590 593
180 320
584 587 590
180 280
568 571 574
56 100
557 560 563
14
30
Operating Temp.
Storage Temp.
Forward Voltag VF *4
Dominant Wavelength λ
D
20
CSL0901VT
CSL0901UT
CSL0901DT
CSL0901YT
CSL0901WT
CSL0901MT
CSL0901PT
Orange
Luminous Intensity IV
Green
2.1
62.5
Red
Yellow
IFP(mA)
VR(V)
Current Current Voltage
PD(mW) IF(mA)
Part No.
Reverse
Emitting
Color
Chip Structure
Absolute Maximum Ratings (Ta=25ºC)
Electrical and Optical Characteristics (Ta=25ºC)
Power Forward Peak Forward
Dissipation
Topr(ºC)
Tstg(ºC)
Reverse Current IR
Yellow green
*1 : 1/10,1kHz、*2:Lighting time:1msec、*3:Lighting time:10msec、*4 : Measurement tolerance:±3%
25
20
20
AlGaInP
100*1 12 -40 〜 +100 -40 〜 +100
10
12
Tolerance : ±0.1
(unit : mm)
(unit : mm)
1608 (0603)
1.6
×
0.8mm (t=1.24mm)
Color
Type
V
U
D
Y
P
M
W
0.8
0.85
0.8
0.8
PCB Bonding Direction
1 . 6 0
0 . 4 0
0 . 4 0
( 0 . 7 5 )
1 . 2 4
1 . 1 4
C a t h o d e
i n d e x
________________________________________________________
www.rohm.co.jp
©2020 ROHM Co., Ltd. All rights reserved
1/9
2020.4 - Rev.008


Similar Part No. - CSL0901VT

ManufacturerPart #DatasheetDescription
logo
Rohm
CSL0901VT ROHM-CSL0901VT Datasheet
1Mb / 8P
Lens Type LED
More results

Similar Description - CSL0901VT

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
BHC-APR EVERLIGHT-BHC-APR Datasheet
194Kb / 10P
Chip LED with Inner Lens
25-21-T1D-ANQHY EVERLIGHT-25-21-T1D-ANQHY Datasheet
158Kb / 11P
Chip LED with Inner Lens
T1D-APQHY EVERLIGHT-T1D-APQHY Datasheet
206Kb / 11P
Chip LED with Inner Lens
67-21BSYGC-S530-E5-TR8 EVERLIGHT-67-21BSYGC-S530-E5-TR8 Datasheet
225Kb / 9P
Top View LED With Lens
logo
List of Unclassifed Man...
SKP-MS401 ETC2-SKP-MS401 Datasheet
169Kb / 1P
SMALL PIR MODULE WITH LENS
logo
Everlight Electronics C...
25-21-BHC-APR-2T EVERLIGHT-25-21-BHC-APR-2T Datasheet
142Kb / 10P
Chip LED with Inner Lens
logo
List of Unclassifed Man...
QBLP651 ETC-QBLP651 Datasheet
979Kb / 14P
LED with Inner Lens
QBLP650-IB ETC1-QBLP650-IB Datasheet
592Kb / 8P
LED with Lens
QBLP653B-IR1 ETC1-QBLP653B-IR1 Datasheet
657Kb / 9P
IR LED with Dome Lens
QBLP653-IR1 ETC1-QBLP653-IR1 Datasheet
657Kb / 9P
IR LED with Dome Lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com