Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSL0901VT Datasheet(PDF) 2 Page - Rohm

Part # CSL0901VT
Description  Small LED with Lens
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

CSL0901VT Datasheet(HTML) 2 Page - Rohm

  CSL0901VT Datasheet HTML 1Page - Rohm CSL0901VT Datasheet HTML 2Page - Rohm CSL0901VT Datasheet HTML 3Page - Rohm CSL0901VT Datasheet HTML 4Page - Rohm CSL0901VT Datasheet HTML 5Page - Rohm CSL0901VT Datasheet HTML 6Page - Rohm CSL0901VT Datasheet HTML 7Page - Rohm CSL0901VT Datasheet HTML 8Page - Rohm CSL0901VT Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
    
[Data Sheet]
■Electrical Characteristics Curves
Fig.1 Forward Current
Fig.2 Luminous Intensity -
- Forward Voltages
     Atmosphere Temperature
Fig.3 Luminous Intensity - Forward Current
Fig.4 Derating
[CSL090x series]
Reference
0
5
10
15
20
25
30
-40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 100 110
0
0.5
1
1.5
0
2
4
6
8 10 12 14 16 18 20 22 24
1
10
100
1
1.2 1.4 1.6 1.8
2
2.2 2.4 2.6 2.8
3
Ta=25ºC
FORWARD VOLTAGE : VF [V]
Ta=25ºC
FORWARD CURRENT : IF [mA]
AMBIENT TEMPERATURE : Ta [ºC]
CSL0901VT
CSL0901UT
CSL0901DT
CSL0901YT
CSL0901WT
CSL0901MT
CSL0901PT
CSL0901VT
CSL0901UT
CSL0901DT
CSL0901YT
CSL0901WT
CSL0901MT
CSL0901PT
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
-40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 100
I
F=25mA
ATMOSPHERE TEMPERATURE : Ta [ºC]
CSL0901VT
CSL0901UT
CSL0901DT
CSL0901YT
CSL0901WT
CSL0901MT
CSL0901PT
CSL0901VT
CSL0901UT
CSL0901DT
CSL0901YT
CSL0901WT
CSL0901MT
CSL0901PT
________________________________________________________
www.rohm.co.jp
©2020 ROHM Co., Ltd. All rights reserved
2/9
2020.4 - Rev.008



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com