Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSL0901VT Datasheet(PDF) 5 Page - Rohm

Part # CSL0901VT
Description  Small LED with Lens
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

CSL0901VT Datasheet(HTML) 5 Page - Rohm

  CSL0901VT Datasheet HTML 1Page - Rohm CSL0901VT Datasheet HTML 2Page - Rohm CSL0901VT Datasheet HTML 3Page - Rohm CSL0901VT Datasheet HTML 4Page - Rohm CSL0901VT Datasheet HTML 5Page - Rohm CSL0901VT Datasheet HTML 6Page - Rohm CSL0901VT Datasheet HTML 7Page - Rohm CSL0901VT Datasheet HTML 8Page - Rohm CSL0901VT Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
■Taping(1)
Unit:mm
Note)Tolerance is within ±0.2mm unless
otherwise specified.
■Part No. Construction
■Packing Specification
Complying with IPC/JEDEC J-STD-033.
Chromaticity rank
Rank sign
(for white LED)
(Brightness Rank)*
Series name
Package Type
Chip type
Emitting Color
Resin ColorTaping Specification
CSL
04
V
T
07
U
W
09
D
U
Y
W
MSL
01
M
02
P
*Concerning the Brightness rank.
04
E
*Please refer to the rank chart above for
B
luminous intensity classification.
WB
*Part name is individual for each rank.
RGB
*When shipped as sample,the part name will
be a representative part name.
General products are free of ranks.
Please contact sales if rank appointment
is needed.
0
C
S
L
0
9
1
V
T
1
Transparent Colorless
Milky White
Chip LED
2.8x1.2 t=0.8mm
2.9x2.5 t=3.1mm
1.6x0.8 t=1.24mm
Red
Red
Orange
Yellow
Yellow green
6.9x2.2 t=2.15mm
3.05x1.3 t=0.43mm
Green
Yellow
Multi color series
White
RGB
1.8x1.6 t=0.5mm
Blue
Green
11 .4
± 1
2
± 0 . 0 7
φ 1 . 5
+ 0 . 1
0
4
± 0 . 1
4
± 0 . 1
0 . 2 5
± 0 . 0 7
1 . 4 5
± 0 . 1
± 0 . 0 5
0 . 9 5
Packing quantity
2,000pcs/reel
Pull
direction
________________________________________________________
www.rohm.co.jp
©2020 ROHM Co., Ltd. All rights reserved
5/9
2020.4 - Rev.008



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com