Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSL0901VT Datasheet(PDF) 6 Page - Rohm

Part # CSL0901VT
Description  Small LED with Lens
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

CSL0901VT Datasheet(HTML) 6 Page - Rohm

Back Button CSL0901VT Datasheet HTML 2Page - Rohm CSL0901VT Datasheet HTML 3Page - Rohm CSL0901VT Datasheet HTML 4Page - Rohm CSL0901VT Datasheet HTML 5Page - Rohm CSL0901VT Datasheet HTML 6Page - Rohm CSL0901VT Datasheet HTML 7Page - Rohm CSL0901VT Datasheet HTML 8Page - Rohm CSL0901VT Datasheet HTML 9Page - Rohm CSL0901VT Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
    
[Data Sheet]
1.Storage
If the product is heated during the reflow under the condition of hygroscopic state,
it may vaporize and expand which will influence the performance of the product.
Therefore, the package is waterproof. Please use the product following the conditions:
・Using Conditions
・Baking
Bake the product in case of below:
①The expiration date is passed.
②The color of 5% and 10% on humidity indicator card is not green.
・Baking Conditions
2.Application Methods
2-1.Precaution for Drive System and Off Mode
Design the circuit without the electric load exceeding the ABSOLUTE MAXIMUM RATING that
please do not apply voltage neither forward nor reverse. Especially, for the products with the
Ag-paste used in the die bonding, there’s high possibility to cause electro migration and result
2-2.About Derating
 It is considered that derating characteristics will not result in LED chip's electrical destruction.
Even within the derating, the reliability and luminous life can be affected depending on operating
conditions and ambient environment. So we would be appreciate it if you can confirm with your
application again.
2-3.About product life
Depending on operating conditions and environment(applied current, ambient temperature and
humidity, corrosive gas), decreasing of luminosity and change of chromaticity may occur even
within the specification conditions.
Please contact our sales office if you use it for the following applications.
①It requires long luminosity life
②It is always lit
2-4.Applied Stress on Product
No resin hardening agent such as filler is used in the sealing resin of the product.
Therefore, please pay attention to the overstress on it which may influence its reliability.
2-5.Usage
The Product is LED. We are not responsible for the usage as the diode such as Protection Chip,
Rectifier, Switching and so on.
Please storing in the airtight container
②After opening
package
5〜30℃ Below 70%RH
Within 168h
with our desiccant (silica gel)
Temperature
Time
Humidity
・Bake products in reel.
・Reel and embossed tape are easy to be deformed when baking,
Classification Temperature
Humidity
Expiration Date
Remark
①Before using 5〜30℃
30〜70%RH
Within 1 year
from Receiving
Storage with waterproof package
[CSL090x series]
■Precaution (Surface Mount Device)
(Even if the product is before expiration date.)
60±3℃
12〜24h
Below 20%RH
Remark
so please try not to apply stress on it.
・Recommend bake once.
applies on the products. If drive by constant voltage, it may cause current deviation of the LED and
result in deviation of luminous intensity, so we recommend to drive by constant current.
(Deviation of VF Value will cause deviation of current in LED.) Furthermore, for off mode,
in function failure.
________________________________________________________
www.rohm.co.jp
©2020 ROHM Co., Ltd. All rights reserved
6/9
2020.4 - Rev.008



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com