Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP47FXB1XT-EST Datasheet(PDF) 71 Page - Microchip Technology

Part # MCP47FXB1XT-EST
Description  8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with I짼C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FXB1XT-EST Datasheet(HTML) 71 Page - Microchip Technology

Back Button MCP47FXB1XT-EST Datasheet HTML 67Page - Microchip Technology MCP47FXB1XT-EST Datasheet HTML 68Page - Microchip Technology MCP47FXB1XT-EST Datasheet HTML 69Page - Microchip Technology MCP47FXB1XT-EST Datasheet HTML 70Page - Microchip Technology MCP47FXB1XT-EST Datasheet HTML 71Page - Microchip Technology MCP47FXB1XT-EST Datasheet HTML 72Page - Microchip Technology MCP47FXB1XT-EST Datasheet HTML 73Page - Microchip Technology MCP47FXB1XT-EST Datasheet HTML 74Page - Microchip Technology MCP47FXB1XT-EST Datasheet HTML 75Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 124 page
background image
 2020 Microchip Technology Inc.
DS20006368A-page 71
MCP47FXBX4/8
5.5.1
EXITING POWER-DOWN
When the device exits Power-Down mode, the
following occurs:
• Disabled circuits (op amp, resistor ladder, et al.)
are turned on
• The resistor ladder is connected to the selected
Reference Voltage (VRL)
• The selected pull-down resistor is disconnected
•The VOUT output will be driven to the voltage
represented by the volatile DAC register’s value
and Configuration bits
The VOUT output signal requires time as these circuits
are powered up and the output voltage is driven to the
specified value as determined by the volatile DAC
register and Configuration bits.
The following events change the PDnB:PDnA bits to ‘00’
and therefore exit the Power-Down mode. These are:
•Any I2C WRITE command where the PDnB:PDnA
bits are ‘00’
•I2C General Call Wake-up command
•I2C General Call Reset command (if nonvolatile
PDnB:PDnA bits are ‘00’).
5.5.2
RESET COMMANDS
When the MCP47FXBX4/8 devices are in the valid
operating voltage range, the I2C General Call Reset
command forces a Reset event. This is similar to the
POR, except that the Reset delay timer is not started.
If the I2C interface bus does not seem to be respon-
sive, the technique shown in Section 8.1.3 “Software
I2C Interface Reset Sequence” can be used to force
the I2C interface to reset.
5.6
DAC Registers, Configuration
Bits, and Status Bits
The MCP47FXBX4/8 device family has both volatile
and nonvolatile (EEPROM) memory options. Table 4-2
shows the volatile and nonvolatile memory and their
interaction due to a POR event.
There are five Configuration bits, DAC registers, and
two volatile status bits in both the volatile and nonvola-
tile memory. The DAC registers (volatile and nonvola-
tile) will be either twelve bits (MCP47FXB2X), ten bits
(MCP47FEB1X), or eight bits (MCP47FXB0X) wide.
When the device is first powered-up, it automatically
uploads the EEPROM memory values or factory
default values (in case of MCP47FVBXX devices) to
the volatile memory. The volatile memory determines
the analog output (VOUT) pin voltage. After the device
is powered-up, the user can update the memory.
This memory is read and written through the I2C inter-
face. See Section 6.0 “I2C Serial Interface Module”
and Section 7.0 “I2C Device Commands” for more
details on reading and writing the device’s memory.
When the nonvolatile memory is written, the device
starts writing the EEPROM cell at the Acknowledge
pulse of the WRITE single memory location command.
Register 4-4 shows the operation of the device status
bits and Table 4-2 shows the factory default value of a
POR/BOR event for the device Configuration bits.
There are two status bits. These are only in volatile
memory and indicate the status of the device. The POR
bit indicates if the device VDD is above or below the
POR trip point. During normal operation, this bit should
be ‘1’. The EEWA bit indicates if an EEPROM write
cycle is in progress. While the EEWA bit is ‘1’ (during
the EEPROM writing), all commands are ignored,
except for the READ command.
Note:
Since the op amp and resistor ladder are
powered-off (0V), the op amp’s Input
Voltage (VW) can be considered 0V. There
is
a
delay
(TPDD) between the
PDnB:PDnA bits updating to ‘00’ and the
op amp driving the VOUT output. The op
amp’s settling time (from 0V) needs to be
taken into account to ensure the VOUT
voltage reflects the selected value.
Note:
On quad-channel devices, after issuing a
General Call Wake-up command, a
current higher than normal will be drawn.
To avoid this issue, on quad-channel
devices, General Call Wake-up should be
followed by a General Call Reset
command. No other functionality is
affected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com