Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP47FXB1XT-EST Datasheet(PDF) 79 Page - Microchip Technology

Part # MCP47FXB1XT-EST
Description  8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with I짼C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FXB1XT-EST Datasheet(HTML) 79 Page - Microchip Technology

Back Button MCP47FXB1XT-EST Datasheet HTML 75Page - Microchip Technology MCP47FXB1XT-EST Datasheet HTML 76Page - Microchip Technology MCP47FXB1XT-EST Datasheet HTML 77Page - Microchip Technology MCP47FXB1XT-EST Datasheet HTML 78Page - Microchip Technology MCP47FXB1XT-EST Datasheet HTML 79Page - Microchip Technology MCP47FXB1XT-EST Datasheet HTML 80Page - Microchip Technology MCP47FXB1XT-EST Datasheet HTML 81Page - Microchip Technology MCP47FXB1XT-EST Datasheet HTML 82Page - Microchip Technology MCP47FXB1XT-EST Datasheet HTML 83Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 124 page
background image
 2020 Microchip Technology Inc.
DS20006368A-page 79
MCP47FXBX4/8
7.0
I2C DEVICE COMMANDS
This section documents the commands supported by
the device.
The commands can be grouped into the following
categories:
• WRITE command (normal and high-voltage)
(C1:C0 = ‘00’)
• READ command (normal and high-voltage)
(C1:C0 = ‘11’)
• General Call commands
• Modify Device Configuration Bit command
(HVC = VIHH)
- Enable Configuration bit (C1:C0 = ‘10’)
- Disable Configuration bit (C1:C0 = ‘01’)
The supported commands are shown in Table 7-1. These
commands allow both single or continuous data
operation. Continuous data operation means that the I2C
master does not generate a Stop bit but repeats the
required data/clocks. This allows faster updates since the
overhead of the I2C control byte is removed. Table 7-1
also shows the required number of bit clocks for each
command’s different mode of operation.
7.0.1
ABORTING A TRANSMISSION
A Restart or Stop condition in an expected data bit
position will abort the current command sequence. If
the command was a write, that data word will not be
written to the MCP47FXBX4/8. Also, the I2C state
machine will be reset.
If the condition is a Restart (Start), then the following
byte will be expected to be the Slave Address byte.
If the condition is a Stop, the device will monitor for the
Start condition.
TABLE 7-1:
DEVICE COMMANDS – NUMBER OF CLOCKS
Command
# of Bit
Clocks (1)
Data Update Rate
(8-bit/10-bit/12-bit)
(Data Words/Second)
Comments
Operation
Code
HV
Mode(6)
C1 C0
100 kHz
400 kHz
3.4 MHz (5)
Write Command (Normal
and High-Voltage)
00
3
Single
38
2,632
10,526
89,474
00
3
Continuous
27n + 11
3,559
14,235
120,996
For 10 data words
READ Command (Nor-
mal and High-Voltage) (2)
11
3
Random
48
2,083
8,333
70,833
11
3
Continuous
18n + 11
4,762
19,048
161,905
For 10 data words
11
3
Last Address
29
3,448
13,793
117,241
General Call Reset
Command
——
3
Single
20
5,000
20,000
170,000
Note 4
General Call Wake-up
Command
——
3
Single
20
5,000
20,000
170,000
Note 4
Enable Configuration Bit
(High-Voltage)
Command
10
Yes Single
20
5,000
20,000
170,000
10
Yes Continuous
9n + 11
9,901
39,604
336,634
For 10 data words
Disable Configuration Bit
(High-Voltage)
Command
01
Yes Single
20
5,000
20,000
170,000
01
Yes Continuous
9n + 11
9,901
39,604
336,634
For 10 data words
Note 1:
“n” indicates the number of times the command operation is to be repeated.
2:
This command is useful to determine when an EEPROM programming cycle has completed.
3:
This command can be either normal voltage or high voltage.
4:
Determined by the General Call Command byte after the I2C General Call address.
5:
There is a minimal overhead to enter into 3.4 MHz mode.
6:
Nonvolatile registers can only use the Single mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com