Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP47FXB1XT-EST Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP47FXB1XT-EST
Description  8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with I짼C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FXB1XT-EST Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP47FXB1XT-EST Datasheet HTML 11Page - Microchip Technology MCP47FXB1XT-EST Datasheet HTML 12Page - Microchip Technology MCP47FXB1XT-EST Datasheet HTML 13Page - Microchip Technology MCP47FXB1XT-EST Datasheet HTML 14Page - Microchip Technology MCP47FXB1XT-EST Datasheet HTML 15Page - Microchip Technology MCP47FXB1XT-EST Datasheet HTML 16Page - Microchip Technology MCP47FXB1XT-EST Datasheet HTML 17Page - Microchip Technology MCP47FXB1XT-EST Datasheet HTML 18Page - Microchip Technology MCP47FXB1XT-EST Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 124 page
background image
 2020 Microchip Technology Inc.
DS20006368A-page 15
MCP47FXBX4/8
DC CHARACTERISTICS (CONTINUED)
Standard Operating Conditions (unless otherwise specified)
Operating Temperature: -40°C
 TA  +125°C (Extended)
All parameters apply across the specified operating ranges unless noted.
VDD = +2.7V to 5.5V, VREF= +2.048V to VDD, VSS = 0V, Gx = 0, RL = 5 k from VOUT to GND, CL = 100 pF.
Typical specifications represent values for VDD = 5.5V, TA = +25°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
RAM Value
Value Range
N
0h
—
FFh
Hex
8-bit
0h
—
3FFh
Hex
10-bit
0h
—
FFFh
Hex
12-bit
DAC Register POR/BOR
Value
NSee Table 4-2
Hex
8-bit
See Table 4-2
Hex
10-bit
See Table 4-2
Hex
12-bit
PDCON Initial
Factory Setting
NSee Table 4-2
Hex
EEPROM
Endurance
ENEE
—1M
—
Cycles Note 1, Note 2
Data Retention
DREE
—
200
—
Years
At +25°C(1, 2)
EEPROM Range
N
0h
—
FFh
Hex
8-bit
DACn register(s)
0h
—
3FFh
Hex
10-bit
DACn register(s)
0h
—
FFFh
Hex
12-bit
DACn register(s)
Initial Factory Setting
N
See Table 4-2
EEPROM Programming
Write Cycle Time
tWC
—11
16
ms
VDD = +1.8V to 5.5V
Power Requirements
Power Supply Sensitivity
(C.17 “Power-Supply
Sensitivity (PSS)”)
PSS
—
0.002
0.005
%/%
8-bit
Code = 7Fh
—
0.002
0.005
%/%
10-bit
Code = 1FFh
—
0.002
0.005
%/%
12-bit
Code = 7FFh
Note 1
This parameter is ensured by design.
Note 2
This parameter is ensured by characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com