Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP47FXB1XT-EST Datasheet(PDF) 90 Page - Microchip Technology

Part # MCP47FXB1XT-EST
Description  8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with I짼C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FXB1XT-EST Datasheet(HTML) 90 Page - Microchip Technology

Back Button MCP47FXB1XT-EST Datasheet HTML 86Page - Microchip Technology MCP47FXB1XT-EST Datasheet HTML 87Page - Microchip Technology MCP47FXB1XT-EST Datasheet HTML 88Page - Microchip Technology MCP47FXB1XT-EST Datasheet HTML 89Page - Microchip Technology MCP47FXB1XT-EST Datasheet HTML 90Page - Microchip Technology MCP47FXB1XT-EST Datasheet HTML 91Page - Microchip Technology MCP47FXB1XT-EST Datasheet HTML 92Page - Microchip Technology MCP47FXB1XT-EST Datasheet HTML 93Page - Microchip Technology MCP47FXB1XT-EST Datasheet HTML 94Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 124 page
background image
MCP47FXBX4/8
DS20006368A-page 90
 2020 Microchip Technology Inc.
7.4
Modify Device Configuration Bit
Commands
These commands are used to program the device Con-
figuration bits. These commands require a high voltage
(VIHH) on the HVC pin.
The MCP47FXBX4/8 devices support the following
Modify Device Configuration Bit commands:
• Enable Configuration Bit (High-Voltage)
• Disable Configuration Bit (High-Voltage)
These Configuration bits are used to inhibit the DAC
values from inadvertent modification.
7.4.1
THE HIGH-VOLTAGE COMMAND
(HVC) SIGNAL
The High-Voltage command signal is used to indicate
that the command, or sequence of commands, are in
the High-Voltage mode. Signals >VIHH (~9.0V) on the
HVC pin put the device into High-Voltage mode. High-
Voltage commands allow the device’s WiperLock Tech-
nology and write-protect features to be enabled and
disabled.
7.4.2
ENABLE CONFIGURATION BIT
(HIGH-VOLTAGE)
Figure 7-11 shows the formats for a single Modify Write
Protect or WiperLock Technology command.
A Modify Write Protect or WiperLock Technology
command will only start an EEPROM write cycle (twc)
after a properly formatted command has been received
and the Stop condition occurs. During an EEPROM
write cycle, only serial commands to volatile memory
are accepted. All other serial commands are ignored
until the EEPROM write cycle (twc) completes. This
allows the host controller to operate on the volatile
DAC, the volatile VREF, Power-Down, Gain, Status, and
WiperLock technology STATUS registers. The EEWA
bit in the STATUS register indicates the status of an
EEPROM write cycle.
FIGURE 7-11:
I2C Enable Command Sequence.
Note 1: There is a required delay after the HVC
pin is driven to the VIHH level to the 1st
edge of the SCL pin.
2: Issuing an enable or disable command to
a nonvolatile location will cause an error
condition (A will be generated).
Note 1: This command sequence does not need to terminate (using the Stop bit) and can change to any other
desired command sequence (Enable, read or write).
2: This command byte is not required and the Stop bit may occur immediately after the 2nd ACK bit in this
sequence.
Memory Address
I2C ACK bit
SA
6
S
SA
5
SA
4
SA
3
SA
2
SA
1
SA
0
0
A
AD
4
AD
3
AD
2
AD
1
AD
0
1
0
X
A
AD
n
A
A
P
S
X
SA
n
1
0
I2C Start bit
I2C Slave Address
Enable command
Reserved, set to ‘0‘
I2C Stop bit(2)
Control byte
Enable command
Legend:
Enable command
0
I2C Write bit
AD
4
AD
3
AD
2
AD
1
AD
0
1
0
X
A
Enable command
AD
4
AD
3
AD
2
AD
1
AD
0
1
0
X
P
A I2C ACK bit(1)
.....



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com