Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT63M107PVC Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # UT63M107PVC
Description  MIL-STD-1553A/B Bus Transceiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

UT63M107PVC Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button UT63M107PVC Datasheet HTML 8Page - List of Unclassifed Manufacturers UT63M107PVC Datasheet HTML 9Page - List of Unclassifed Manufacturers UT63M107PVC Datasheet HTML 10Page - List of Unclassifed Manufacturers UT63M107PVC Datasheet HTML 11Page - List of Unclassifed Manufacturers UT63M107PVC Datasheet HTML 12Page - List of Unclassifed Manufacturers UT63M107PVC Datasheet HTML 13Page - List of Unclassifed Manufacturers UT63M107PVC Datasheet HTML 14Page - List of Unclassifed Manufacturers UT63M107PVC Datasheet HTML 15Page - List of Unclassifed Manufacturers UT63M107PVC Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
12
RECEIVER ELECTRICAL CHARACTERISTICS 1
VCC = +5V (± 10%)
VCCA = +5V to + 12V (± 5%) or +5V to +15V (± 5%)
VEE = -12V or -15V (± 5%)
-55
°C < T
C < +125°C
SYMBOL
PARAMETER
MINIMUM
MAXIMUM
UNIT
CONDITION
RIZ
2
Differential (Receiver)
Input Impedance
15
K Ohms
Input
ƒ = 1MHz (no transformer
in circuit)
CIN
2
Input Capacitance
10
pF
RXEN; input
ƒ = 1MHz @ 0V
VIC
2
Common Mode Input Volt-
age
-10
+10
V
Direct-coupled stub: input
1.2VPP, 200ns rise/fall time ±
25ns,
ƒ = 1MHz.
VTH
Input Threshold Voltage
(No Response)
2
Input Threshold Voltage
(No Response)
Input Threshold Voltage
(Response)2
Input Threshold Voltage
(Response)
0.86
1.20
0.20
0.28
14.0
20.0
2
VPP,L-L
VPP,L-L
VPP,L-L
VPP,L-L
Transformer-coupled stub: input
at
ƒ = 1MHz, rise/fall time 200ns
at (Receiver output 0
→ 1
transition).
Direct-coupled stub: input at
ƒ =
1MHz, rise/fall time 200ns at
(Receiver output 0
→ 1
transition).
Transformer-coupled stub: input
at
ƒ = 1MHz, rise/fall time 200ns
output at (Receiver output 0
→ 1
transition).
Direct-coupled stub: input at
ƒ =
1MHz, rise/fall time 200ns output
at (Receiver output 0
→ 1
transition).
CMMR2
Common Mode Rejection
Ratio
Pass/Fail3
N/A
Notes:
1. All tests guaranteed per test figure 6.
2. Guaranteed by device characterization.
3. Pass/fail criteria per the test method described in MIL-HDBK-1553 Appendix A, RT Validation Test Plan, Section 5.1.2.2, Common Mode Rejection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com