Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT63M107PVC Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # UT63M107PVC
Description  MIL-STD-1553A/B Bus Transceiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

UT63M107PVC Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button UT63M107PVC Datasheet HTML 15Page - List of Unclassifed Manufacturers UT63M107PVC Datasheet HTML 16Page - List of Unclassifed Manufacturers UT63M107PVC Datasheet HTML 17Page - List of Unclassifed Manufacturers UT63M107PVC Datasheet HTML 18Page - List of Unclassifed Manufacturers UT63M107PVC Datasheet HTML 19Page - List of Unclassifed Manufacturers UT63M107PVC Datasheet HTML 20Page - List of Unclassifed Manufacturers UT63M107PVC Datasheet HTML 21Page - List of Unclassifed Manufacturers UT63M107PVC Datasheet HTML 22Page - List of Unclassifed Manufacturers UT63M107PVC Datasheet HTML 23Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 23 / 23 page
background image
23
UT63M Dual Multichip Monolithic Transceiver
Radiation:
None
Lead Finish:
(A) =
Solder
(C)
=
Gold
(X) =
Optional
Screening:
(C)
=
Military Temperature
(P)
=
Prototype
(Q)
=
QML-Q
(V)
=
QML-V
Package Type:
(B)
=
36-pin DIP
(D) =
36-pin FP (.100)
(C)
=
36-pin FP (.50)
Device Type Modifier:
125
=
+\-15V, Idle low
127
=
+\- 12V, Idle Low
UT63M-
*
*
*
*
Notes:
1. Lead finish (A, C, or X) must be specified.
2. If an “X” is specified when ordering, part marking will match the lead finish and will be either “A” (solder) or “C” (gold).
3. Military Temperature range devices are burned-in and tested at -55
°C, room temperature, and 125°C. Radiation characteristics are neither tested nor
guaranteed and may not be specified.
4. Devices have prototype assembly and are tested at 25
°C only. Radiation characteristics are neither tested nor guaranteed and may not be specified. Lead
finish is GOLD only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com