Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT63M107PVC Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # UT63M107PVC
Description  MIL-STD-1553A/B Bus Transceiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

UT63M107PVC Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button UT63M107PVC Datasheet HTML 15Page - List of Unclassifed Manufacturers UT63M107PVC Datasheet HTML 16Page - List of Unclassifed Manufacturers UT63M107PVC Datasheet HTML 17Page - List of Unclassifed Manufacturers UT63M107PVC Datasheet HTML 18Page - List of Unclassifed Manufacturers UT63M107PVC Datasheet HTML 19Page - List of Unclassifed Manufacturers UT63M107PVC Datasheet HTML 20Page - List of Unclassifed Manufacturers UT63M107PVC Datasheet HTML 21Page - List of Unclassifed Manufacturers UT63M107PVC Datasheet HTML 22Page - List of Unclassifed Manufacturers UT63M107PVC Datasheet HTML 23Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
20
ORDERING INFORMATION
UT63M Single Channel MIL-STD-1553 Monolithic Transceiver: SM
Lead Finish:
(A) =
Solder
(C) =
Gold
(X) =
Optional
Case Outline:
(U) =
24 pin DIP
Class Designator:
(-)
=
Bland or No field is QML Q
(Q) =
QML
Device Type
(01) =
+\-15V, idle low
(02) =
+\-12V, Idle low
Drawing Number: 88644
Total Dose: None
(R) =
1E5 (100KRad)
Federal Stock Class Designator: No options
5962
*
*
*
*
*
*
Notes:
1. Lead finish (A, C, or X) must be specified.
2. If an “X” is specified when ordering, part marking will match the lead finish and will be either “A” (solder) or “C” (gold).
3. RadHard offered only on 01 device type. Cobalt 60testing required.
4. For QML Q product, the Q designator is intentionally left blank in the SMD number (e.g. 5962-8864401UX).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com