Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT63M107PVC Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # UT63M107PVC
Description  MIL-STD-1553A/B Bus Transceiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

UT63M107PVC Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button UT63M107PVC Datasheet HTML 10Page - List of Unclassifed Manufacturers UT63M107PVC Datasheet HTML 11Page - List of Unclassifed Manufacturers UT63M107PVC Datasheet HTML 12Page - List of Unclassifed Manufacturers UT63M107PVC Datasheet HTML 13Page - List of Unclassifed Manufacturers UT63M107PVC Datasheet HTML 14Page - List of Unclassifed Manufacturers UT63M107PVC Datasheet HTML 15Page - List of Unclassifed Manufacturers UT63M107PVC Datasheet HTML 16Page - List of Unclassifed Manufacturers UT63M107PVC Datasheet HTML 17Page - List of Unclassifed Manufacturers UT63M107PVC Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
14
AC ELECTRICAL CHARACTERISTICS
1
VCC = +5V (± 10%)
VCCA = +5V to + 12V (± 5%) or +5V to +15V (± 5%)
VEE = -12V or -15V (± 5%)
-55
°C < T
C < +125°C
SYMBOL
PARAMETER
MINIMUM
MAXIMUM
UNIT
CONDITION
Transmitter Output
Rise/Fall Time
(See figure 10)
100
300
ns
Input
ƒ = 1MHz 50% duty cycle:
direct-coupled RL = 35 ohms output at
10% through 90% points TXOUT,
TXOUT. Figure 3.
tRXDD
RXOUT Delay
-200
+200
ns
RXOUT to RXOUT; Figure 4.
tTXDD
3
TXIN Skew
-25
+25
ns
TXIN to TXIN; Figure 4.
tRZCD
Zero Crossing
-150
+150
ns
Direct-coupled stub; input
ƒ = 1MHz,
3VPP (skew INPUT ± 150ns), rise/fall
time 200ns.
tTZCS
2
Zero Crossing
Stability
(See figure 10)
-25
+25
ns
Input TXIN and TXIN should create
transmitter output zero crossings at
500ns, 1000ns, 1500ns, and 2000ns.
These zero crossings should not devi-
ate more than
± 25ns.
tDXOFF
3,4
Transmitter Off;
Delay from Inhibit
Active
400
ns
TXIN and TXIN toggling @ 1MHz;
TXIHB transitions from logic zero to
one.
tDXON
3,5
Transmitter On;
Delay from Inhibit
Inactive
250
ns
TXIN and TXIN toggling @ 1MHz;
TXIHB transitions from logic one to
zero.
Notes:
1. All tests guaranteed per test figure 6.
2. Guaranteed by device characterization.
3. Supplied as a design limit but not guaranteed or tested.
4. Delay time from transmit inhibit (1.5V) to transmit off (280mV).
5. Delay time from not transmit inhibit (1.5V) to transmit on (1.2V).
Table 3. Transformer Requirements Versus Power Supplies
COUPLING TECHNIQUE
± 12V
DC
± 15V
DC
DIRECT-COUPLED:
Isolation Transformer Ratio
1.2:1
1.4:1
TRANSFORMER-COUPLED:
Isolation Transformer Ratio
1.66:1
2:1
Coupling Transformer Ratio
1:1.4
1:1.4
tR, tF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com