Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM7502PR Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM7502PR
Description  2-channel Constant Current Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM7502PR Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM7502PR Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7502PR Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7502PR Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7502PR Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7502PR Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7502PR Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7502PR Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7502PR Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7502PR Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
DC CHARACTERISTICS
VDD=3.0V, VCH1, VCH2=1.0V, CvDD = 0.1uF, C1=C2=10nF, TA=25oC; unless otherwise specified.
Symbol
Characteristics
Condition
Min.
Typical
Max.
Unit
VDD
Supply Voltage
2.5
–
40
V
VDD>5V, ICH1 or ICH2= 30mA
0.45
–
40
V
Output Voltage (30mA)
VDD=2.5V, ICH1 or ICH2= 30mA
0.7
–
40
V
VDD>5V, ICH1 or ICH2= 60mA
0.85
–
40
V
VCH1, VCH2
Output Voltage (60mA)
VDD=3V, ICH1 or ICH2= 60mA
1
–
40
V
IDD
Supply Current
–
400
600
uA
ICH1, ICH2
Peak Regulated Current
30
–
60
mA
IAC
Output Current Accuracy
VDD=3.0V, VCH1 or VCH2=1.0V
–5
–
+5
%
tcoe
Temperature Coefficient
Tj=–40 oC ~125 oC
–500
–
+500
ppm/oC
REXT
External Resistor
11250
–
Open
Ω
%/VDD
Line Regulation
VDD=2.5V~40V, VCH1 or VCH2=2.5V
–0.5
–
+0.5
%/V
%/VCH
Load Regulation
VDD=3.0V, VCH1 or VCH2=2.5V~40V
–0.6
–
+0.6
%/V
tOTP
OTP Active Temperature
VDD=2.5V~40V
–
155
–
oC
tOPT_IN
OTP Inactive Temperature VDD=2.5V~40V
–
95
–
oC
Note:
The condition can be achieved with the test circuit only.
TEST CIRCUIT
VLED2
VDD
ICH1
GND
VDD VCH1 VCH2
ICH2
VLED1
REXT
CVDD
C1
C2
REXT
)
(
)
(
)
(
open
VCH
EXT
IN
REXT
VCH
I
R
R
I
•
+
= 1
where RIN=11300Ω, and IVCH is reference current with REXT open.
©1999~2014
2-channel Constant Current Regulator



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com