Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM7502PR Datasheet(PDF) 6 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM7502PR
Description  2-channel Constant Current Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM7502PR Datasheet(HTML) 6 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM7502PR Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7502PR Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7502PR Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7502PR Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7502PR Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7502PR Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7502PR Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7502PR Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7502PR Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
TEMPERATURE PROTECTION
Temperature Protection
VDD=2.5~40V
Protection
Typical
Unit
Active
155
oC
Inactive
95
oC
Note:
The temperature detection is for the chip; not for ambience.
©1999~2014
2-channel Constant Current Regulator



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com