Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM7502PR Datasheet(PDF) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM7502PR
Description  2-channel Constant Current Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM7502PR Datasheet(HTML) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM7502PR Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7502PR Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7502PR Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7502PR Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7502PR Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7502PR Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7502PR Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7502PR Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7502PR Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
©1999~2014
2-channel Constant Current Regulator
1
2-channel Constant Current Regulator
INTRODUCTION
The HM7502 is a 2-channel LED driver, designed for current
regulation. It may be used in various current regulation circuits,
especially suitable for LED applications. It lets LEDs work
under stable current and avoid brightness unstable caused by
current change, while its low voltage can reduce power
consumption.
The connection of the VDD power pin may also be used for
brightness control of LEDs via PWM signals; therefore suitable
for applications that need brightness adjustment.
The connection of REXT pin can be used for the control of
output current, to control and drive more LEDs. When REXT is
open, VCH1, VCH2 pins may provide 30mA of current. To
achieve operations with VCH1/VCH2 current over 60mA,
connect the ICs in parallel.
MAIN APPLICATIONS
•
LED Light Bars, LED Bulbs, LED Fluorescent Lights,
LED Backlight
FEATURE HIGHLIGHTS
•
Wide operation supply voltage range: 2.5V ~ 40V
•
Wide output voltage range: 2.5V~40V
•
30mA to 60mA /per channel sink current
•
Accurate sink current: ± 5%
•
VDD pin as OE function: up to 100KHz frequency
•
Negative temperature coefficient: ± 500ppm/ oC
•
Less than ±0.5%/V load regulation
•
–40 oC ~+85 oC operation temperature range
•
High temperature protection: 95 oC ~ 155oC
•
Pb-free and green package: SOT89-5, SOT23-5
BLOCK DIAGRAM


Similar Part No. - HM7502PR

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM7501 HMSEMI-HM7501 Datasheet
727Kb / 10P
Single channel LED constant current driver IC
HM7506 HMSEMI-HM7506 Datasheet
411Kb / 5P
Programmable linear constant current controller
More results

Similar Description - HM7502PR

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T6335A TMT-T6335A Datasheet
41Kb / 4P
Constant Current Regulator
T6336A TMT-T6336A Datasheet
32Kb / 3P
Two Channel Constant Current Regulator
logo
ON Semiconductor
NSI50350AST3G ONSEMI-NSI50350AST3G Datasheet
201Kb / 7P
Constant Current Regulator Constant Current Regulator
May, 2012 ??Rev. 3
NSIC2020BT3G ONSEMI-NSIC2020BT3G Datasheet
176Kb / 9P
Constant Current Regulator
June, 2012 ??Rev. 0
logo
Diodes Incorporated
BCR401UW6 DIODES-BCR401UW6_17 Datasheet
454Kb / 13P
LED CONSTANT CURRENT REGULATOR
Rev 3
BCR402UW6 DIODES-BCR402UW6_18 Datasheet
684Kb / 13P
LED CONSTANT CURRENT REGULATOR
Rev 5
BCR405UW6 DIODES-BCR405UW6_17 Datasheet
456Kb / 13P
LED CONSTANT CURRENT REGULATOR
Rev 3
BCR420UFD DIODES-BCR420UFD Datasheet
611Kb / 13P
LED CONSTANT CURRENT REGULATOR
Rev 3
logo
Guangdong Kexin Industr...
T6335A KEXIN-T6335A Datasheet
138Kb / 2P
Constant Current Regulator
logo
American Bright OPTOELE...
AB-EZDC AMERICANBRIGHT-AB-EZDC Datasheet
197Kb / 5P
Constant Current regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com