Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM7502PR Datasheet(PDF) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM7502PR
Description  2-channel Constant Current Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM7502PR Datasheet(HTML) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM7502PR Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7502PR Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7502PR Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7502PR Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7502PR Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7502PR Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7502PR Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7502PR Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7502PR Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
MAXIMUM RATING
Symbol
Parameter
Range
Unit
VDD
Supply Voltage
44
V
V (CH1, CH2)
Current Regulator Output Voltage
44
V
I (CH1, CH2)
Current Regulator Output Current
65
mA
I (GND)
Output Saturation Current
132
mA
TJ
Junction Temperature
150
oC
TSTG
Storage Temperature
–40 ~ +125
oC
RTH ( j-a )
Thermal Resistance (junction to ambient) SOT89-5
150
oC/W
RTH ( j-c )
Thermal Resistance (junction to case) SOT89-5
50
oC/W
Pt-sot89-5
Power Dissipation (SOT89-5) [Note]
1000
mW
RTH ( j-a )
Thermal Resistance (junction to ambient) SOT23-5
215
oC/W
RTH ( j-c )
Thermal Resistance (junction to case) SOT23-5
50
oC/W
Pt-sot23-5
Power dissipation (SOT23-5), Ta=25 oC
550
mW
Note:
Conditions for Power Dissipation (SOT89-5) :
Double-side FR4, PCB Size 50mmx50mmx1.6mm, Copper Ratio approx. 10% for top side and approx. 100% for back side,
No through-holes, and Ta=25oC.
©1999~2014
2-channel Constant Current Regulator



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com