Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XD9268 Datasheet(PDF) 14 Page - Torex Semiconductor

Part # XD9268
Description  36V Operation 600mA Synchronous Step-Down DC/DC Converters
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XD9268 Datasheet(HTML) 14 Page - Torex Semiconductor

Back Button XD9268 Datasheet HTML 10Page - Torex Semiconductor XD9268 Datasheet HTML 11Page - Torex Semiconductor XD9268 Datasheet HTML 12Page - Torex Semiconductor XD9268 Datasheet HTML 13Page - Torex Semiconductor XD9268 Datasheet HTML 14Page - Torex Semiconductor XD9268 Datasheet HTML 15Page - Torex Semiconductor XD9268 Datasheet HTML 16Page - Torex Semiconductor XD9268 Datasheet HTML 17Page - Torex Semiconductor XD9268 Datasheet HTML 18Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
14/26
XD9267/XD9268 Series
■OPERATIONAL EXPLANATION(Continued)
<Soft-start function>
The output voltage of XD9267/XD9268 rises with soft start by slowly raising the reference voltage. The rise time of this
reference voltage is the soft start time. The soft-start time is set to tss1 (TYP. 2.0ms) which is fixed internally or to the time set by
adding a capacitor and a resistor to the EN / SS pin whichever is later.
<Thermal shutdown>
The thermal shutdown (TSD) as an over temperature limit is built in the XD9267/XD9268 series.
When the junction temperature reaches the detection temperature, the driver transistor is forcibly turned off. When the junction
temperature falls to the release temperature while in the output stop state, restart takes place by soft-start.
<UVLO>
When the VIN pin voltage falls below VUVLO1 (TYP. 2.7V), the driver transistor is forcibly turned off to prevent false pulse output
due to instable operation of the internal circuits. When the VIN pin voltage rises above VUVLO2 (TYP. 2.8V), the UVLO function is
released, the soft-start function activates, and output start operation begins. Stopping by UVLO is not shutdown; only pulse
output is stopped and the internal circuits continue to operate.
<Power good>
On USP-6C Package, the output state can be monitored using the power good function. The PG pin is an Nch open drain
output, therefore a pull-up resist
ance (approx. 100kΩ) must be connected to the PG pin.
CONDITIONS
SIGNAL
EN/SS=H
VFB>VPGDET
H (High impedance)
VFB≦VPGDET
L (Low impedance)
Thermal Shutdown
L (Low impedance)
UVLO(VIN<VUVLO1)
Undefined State
EN/SS=L
Stand-by
L (Low impedance)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com