Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XD9268 Datasheet(PDF) 19 Page - Torex Semiconductor

Part # XD9268
Description  36V Operation 600mA Synchronous Step-Down DC/DC Converters
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XD9268 Datasheet(HTML) 19 Page - Torex Semiconductor

Back Button XD9268 Datasheet HTML 15Page - Torex Semiconductor XD9268 Datasheet HTML 16Page - Torex Semiconductor XD9268 Datasheet HTML 17Page - Torex Semiconductor XD9268 Datasheet HTML 18Page - Torex Semiconductor XD9268 Datasheet HTML 19Page - Torex Semiconductor XD9268 Datasheet HTML 20Page - Torex Semiconductor XD9268 Datasheet HTML 21Page - Torex Semiconductor XD9268 Datasheet HTML 22Page - Torex Semiconductor XD9268 Datasheet HTML 23Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
19/26
XD9267/XD9268
Series
■TYPICAL PERFORMANCE CHARACTERISTICS(Continued)
(5) UVLO Voltage vs. Ambient Temperature
(6) Oscillation Frequency
vs. Ambient Temperature
(7) Stand-by Current vs. Ambient Temperature
(8) Lx SW ON Resistance vs. Ambient Temperature
(9) Quiescent Current vs. Ambient Temperature
2.5
2.6
2.7
2.8
2.9
3.0
-50
-25
0
25
50
75
100
125
Ambient Temperature :Ta[℃]
XD926xB75xxx
VUVLO1(Det ectVoltage)
VUVLO2(ReleaseVoltage)
1750
1900
2050
2200
2350
2500
2650
-50
-25
0
25
50
75
100
125
Ambient Temperature :Ta[℃]
XD926xB75Dxx
VIN=12V
0.0
1.0
2.0
3.0
4.0
-50
-25
0
25
50
75
100
125
Ambient Temperature :Ta[℃]
XD926xB75Dxx
VIN=12V
0.0
0.5
1.0
1.5
2.0
-50
-25
0
25
50
75
100
125
Ambient Temperature :Ta[℃]
XD926xB75Dxx
Highside SW.
Lowside SW.
VIN=12V
0
50
100
150
200
250
300
350
400
-50
-25
0
25
50
75
100
125
Ambient Temperature :Ta[℃]
XD9267B75Dxx
VIN=12V
0
5
10
15
20
25
30
35
40
-50
-25
0
25
50
75
100
125
Ambient Temperature :Ta[℃]
XD9268B75Dxx
VIN=12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com