Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XD9268 Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XD9268
Description  36V Operation 600mA Synchronous Step-Down DC/DC Converters
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XD9268 Datasheet(HTML) 3 Page - Torex Semiconductor

  XD9268 Datasheet HTML 1Page - Torex Semiconductor XD9268 Datasheet HTML 2Page - Torex Semiconductor XD9268 Datasheet HTML 3Page - Torex Semiconductor XD9268 Datasheet HTML 4Page - Torex Semiconductor XD9268 Datasheet HTML 5Page - Torex Semiconductor XD9268 Datasheet HTML 6Page - Torex Semiconductor XD9268 Datasheet HTML 7Page - Torex Semiconductor XD9268 Datasheet HTML 8Page - Torex Semiconductor XD9268 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
3/26
XD9267/XD9268
Series
■PRODUCT CLASSIFICATION
● Ordering Information
XD9267①②③④⑤⑥-⑦(*1)
PWM control
XD9268①②③④⑤⑥-⑦(*1)
PWM/PFM Auto
DESIGNATOR
ITEM
SYMBOL
DESCRIPTION
①
Type
B
Refer to Selection Guide
②③
FB Voltage
75
Output voltage can be adjusted in 1V to 25V
④
Oscillation Frequency
D
2.2MHz
⑤⑥-⑦
Packages
PR-Q(*1)
SOT-89-5 (1000pcs/Reel)
ER-Q(*1)
USP-6C (3000pcs/Reel)
● Selection Guide
FUNCTION
B TYPE
SOT-89-5
USP-6C
Chip Enable
Yes
Yes
UVLO
Yes
Yes
Thermal Shutdown
Yes
Yes
Soft Start
Yes
Yes
Power-Good
-
Yes
Current Limitter
(Automatic Recovery)
Yes
Yes
(*1) The “-Q” suffix denotes “AEC-Q100” and “Halogen and Antimony free” as well as being fully EU RoHS compliant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com