Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XD9268 Datasheet(PDF) 21 Page - Torex Semiconductor

Part # XD9268
Description  36V Operation 600mA Synchronous Step-Down DC/DC Converters
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XD9268 Datasheet(HTML) 21 Page - Torex Semiconductor

Back Button XD9268 Datasheet HTML 17Page - Torex Semiconductor XD9268 Datasheet HTML 18Page - Torex Semiconductor XD9268 Datasheet HTML 19Page - Torex Semiconductor XD9268 Datasheet HTML 20Page - Torex Semiconductor XD9268 Datasheet HTML 21Page - Torex Semiconductor XD9268 Datasheet HTML 22Page - Torex Semiconductor XD9268 Datasheet HTML 23Page - Torex Semiconductor XD9268 Datasheet HTML 24Page - Torex Semiconductor XD9268 Datasheet HTML 25Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
21/26
XD9267/XD9268
Series
■TYPICAL PERFORMANCE CHARACTERISTICS(Continued)
(15) Load Transient Response
VIN=12V, VOUT=3.3V, IOUT=10mA→300mA
XD9268B75Dxx
XD9267B75Dxx
VIN=12V, VOUT=3.3V, IOUT=10mA→300mA
VOUT: 500mV/div
IOUT=10mA→300mA
1.0ms/div
VOUT: 500mV/div
IOUT=10mA→300mA
1.0ms/div
L=2.2
μH(CLF5030NIT-2R2N),
CIN=2.2
μF
×2(CGA4J3X7R1H225K125AB)
CL=10
μF×2 (CGA5L1X7R1C106K160AC)
L=2.2
μH(CLF5030NIT-2R2N),
CIN=2.2
μF
×2(CGA4J3X7R1H225K125AB)
CL=10
μF×2 (CGA5L1X7R1C106K160AC)
XD9268B75Dxx
VIN=12V, VOUT=5.0V, IOUT=10mA→300mA
VIN=12V, VOUT=5.0V, IOUT=10mA→300mA
XD9267B75Dxx
VOUT: 500mV/div
IOUT=10mA→300mA
1.0ms/div
VOUT: 500mV/div
IOUT=10mA→300mA
1.0ms/div
L=3.3μH(CLF5030NIT-3R3N),
CIN=2.2μF×2(CGA4J3X7R1H225K125AB)
CL=10μF×2 (CGA5L1X7R1C106K160AC)
L=3.3μH(CLF5030NIT-3R3N),
CIN=2.2μF×2(CGA4J3X7R1H225K125AB)
CL=10μF×2 (CGA5L1X7R1C106K160AC)
VIN=24V, VOUT=5.0V, IOUT=10mA→300mA
XD9267B75Dxx
XD9268B75Dxx
VIN=24V, VOUT=5.0V, IOUT=10mA→300mA
VOUT: 500mV/div
IOUT=10mA→300mA
1.0ms/div
VOUT: 500mV/div
IOUT=10mA→300mA
1.0ms/div
L=3.3μH(CLF5030NIT-3R3N),
CIN=2.2μF×2(CGA4J3X7R1H225K125AB)
CL=10μF×2 (CGA5L1X7R1C106K160AC)
L=3.3μH(CLF5030NIT-3R3N),
CIN=2.2μF×2(CGA4J3X7R1H225K125AB)
CL=10μF×2 (CGA5L1X7R1C106K160AC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com