Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZP14 Datasheet(PDF) 4 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

Part # ZP14
Description  Combustible Gas Detection Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEN [Zhengzhou Winsen Electronics Technology Co., Ltd.]
Direct Link  https://www.winsen-sensor.com/
Logo WINSEN - Zhengzhou Winsen Electronics Technology Co., Ltd.

ZP14 Datasheet(HTML) 4 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

  ZP14 Datasheet HTML 1Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZP14 Datasheet HTML 2Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZP14 Datasheet HTML 3Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZP14 Datasheet HTML 4Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZP14 Datasheet HTML 5Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZP14 Datasheet HTML 6Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZP14 Datasheet HTML 7Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZP14 Datasheet HTML 8Page - Zhengzhou Winsen Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Zhengzhou Winsen Electronics Technology Co., Ltd
www.winsen-sensor.com
Tel: 86-371-67169097/67169670 Fax: 86-371-60932988
Email: sales@winsensor.com
Leading gas sensing solutions supplier in China!
Pin Function Description
Fig2. ZP14-V2.0 Pins from bottom view
Pin No.
Function
Functional description
Pin1
Vin
Power supply for the module
Pin2
GND
Direct current supply
Pin3
--
NC
Pin4
UART(RXD)
UART(RXD) Data Receiver
Pin5
UART(TXD)
UART(TXD) Data Transmitter
Pin6
Electric magnetic
valve drive
1) Normal working status: persistent low level
2) Malfunction status: persistent low level
3) Alarm status: persistent high level
Pin7
Buzzer drive
1)Normal working status: high level for 120ms when
power on, then persistent low level
2) Malfunction status: high level for 120ms every other
4s
3)Alarm status: pulse signal of high level for 120ms and
low level for 60ms
Pin8
Status indicator
1)Normal working status: persistent high level
2) Malfunction status: persistent low level
3)Alarm status: pulse signal of high level for 1.25s and
low level for 1.25s



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com