Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZP14 Datasheet(PDF) 5 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

Part # ZP14
Description  Combustible Gas Detection Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEN [Zhengzhou Winsen Electronics Technology Co., Ltd.]
Direct Link  https://www.winsen-sensor.com/
Logo WINSEN - Zhengzhou Winsen Electronics Technology Co., Ltd.

ZP14 Datasheet(HTML) 5 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

  ZP14 Datasheet HTML 1Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZP14 Datasheet HTML 2Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZP14 Datasheet HTML 3Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZP14 Datasheet HTML 4Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZP14 Datasheet HTML 5Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZP14 Datasheet HTML 6Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZP14 Datasheet HTML 7Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZP14 Datasheet HTML 8Page - Zhengzhou Winsen Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Zhengzhou Winsen Electronics Technology Co., Ltd
www.winsen-sensor.com
Tel: 86-371-67169097/67169670 Fax: 86-371-60932988
Email: sales@winsensor.com
Leading gas sensing solutions supplier in China!
Communication Protocol
1. General Settings
Table 3
Baud Rate
9600
Data Byte
8
Stop Byte
1
Check Byte
Null
2. Communication Commands
There are two kinds of communication, initiative upload mode and question & answer mode.
Under initiative upload mode, modules upload gas concentration value every other 0.5S.
Note: The module will automatically switch to Q&A mode(question & answer mode) after an
inquiry command is received; The module will automatically switch to initiative upload mode
if no inquiry command is received within 15 seconds under Q&A mode.
Table 4 Data format under initiative upload mode
Gas name: 0x01 is for CH4, while Unit ppm: 0x03 is for ppm.
Concentration(High Byte): The highest bit(bit 8) is for sensor fault judgment; bit 7 is for
sensor concentration judgment.
Note: sensor fault judgment: 1 is for sensor failure, 0 is for no failure.
Sensor concentration judgment: 1 is for concentration over alarm-point, 0 is for under
alarm-point.
Gas concentration value = The low 6 bit of High Byte*256+Low Byte.
Full range= full range (high byte)*256+ full range(low byte) (0x1388=5000ppm, which means
the max UART output is 5000ppm)
To read gas concentration, command line format as follow:
Stable5.
Byte0
Byte1
Byte2
Byte3
Byte4
Byte5
Byte6
Byte7
Byte8
Start
Byte
Gas
Name
Unit
ppm
No. of
decimal
Concentration
(High Byte)
Concentration
(Low Byte)
Full Range
(High Byte)
Full Range
(Low Byte)
Check
sum
0xFF
0x01
0x03
0x00
0x00
0x00
0x13
0x88
0x61
Byte0
Byte1
Byte2
Byte3
Byte4
Byte5
Byte6
Byte7
Byte8
Start
Byte
Reserved
command
Reserved
Reserved
Reserved
Reserved
Reserved
Check
sum
0xFF
0x01
0x86
0x00
0x00
0x00
0x00
0x00
0x79



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com