Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZP14 Datasheet(PDF) 6 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

Part # ZP14
Description  Combustible Gas Detection Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEN [Zhengzhou Winsen Electronics Technology Co., Ltd.]
Direct Link  https://www.winsen-sensor.com/
Logo WINSEN - Zhengzhou Winsen Electronics Technology Co., Ltd.

ZP14 Datasheet(HTML) 6 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

  ZP14 Datasheet HTML 1Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZP14 Datasheet HTML 2Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZP14 Datasheet HTML 3Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZP14 Datasheet HTML 4Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZP14 Datasheet HTML 5Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZP14 Datasheet HTML 6Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZP14 Datasheet HTML 7Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZP14 Datasheet HTML 8Page - Zhengzhou Winsen Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Zhengzhou Winsen Electronics Technology Co., Ltd
www.winsen-sensor.com
Tel: 86-371-67169097/67169670 Fax: 86-371-60932988
Email: sales@winsensor.com
Leading gas sensing solutions supplier in China!
Sensor’s return value under Q&A mode:
Stable6
Concentration(High Byte): The highest bit(bit 8) is for sensor fault judgment;
sensor fault judgment: 1 is for sensor failure, 0 is for no failure
Gas concentration value = The low 6 bit of High Byte*256+Low Byte.
3. Check sum and calculation
Construction for working status:
Preheating status: indicator flashes slowly after powering on, it becomes be off for
long in 3 min.
Malfunction status: when the sensor malfunctions, green indicator will start the cycle
of 75ms on and 175ms off .
Alarm status: when the target gas’s concentration reaches the alarm point, green
indicator will start the cycle of 25ms lighting and 75ms off.
Installation instruction
This module connects with external part by adopting Pin1.25mm*8 single-row
inserting pin, there are four holes with 2mm diameters at the four corners, users fix
the module through locations holes and make connection through Pin1.25mm*8
Byte0
Byte1
Byte2
Byte3
Byte4
Byte5
Byte6
Byte7
Byte8
Start
Byte
command
Concentration
(High Byte)ppm
Concentration
(Low Byte)ppm
Reserved Reserved
Concentration
(High Byte)ppm
Concentration
(Low Byte)ppm
Check
sum
0xFF
0x86
0x00
0x00
0x00
0x00
0x00
0x00
0x7A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com