Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZP14 Datasheet(PDF) 3 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

Part # ZP14
Description  Combustible Gas Detection Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEN [Zhengzhou Winsen Electronics Technology Co., Ltd.]
Direct Link  https://www.winsen-sensor.com/
Logo WINSEN - Zhengzhou Winsen Electronics Technology Co., Ltd.

ZP14 Datasheet(HTML) 3 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

  ZP14 Datasheet HTML 1Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZP14 Datasheet HTML 2Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZP14 Datasheet HTML 3Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZP14 Datasheet HTML 4Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZP14 Datasheet HTML 5Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZP14 Datasheet HTML 6Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZP14 Datasheet HTML 7Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZP14 Datasheet HTML 8Page - Zhengzhou Winsen Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Zhengzhou Winsen Electronics Technology Co., Ltd
www.winsen-sensor.com
Tel: 86-371-67169097/67169670 Fax: 86-371-60932988
Email: sales@winsensor.com
Leading gas sensing solutions supplier in China!
ZP14-V2.0 Combustible Gas Detection Module
Profile
ZP14-V2.0 adopts plat surfaced semiconductor sensor and it has
basic functions of household gas leak alarm: status indicator, buzzer,
relay, output signal of electromagnetic valve; it also supplying
resetting for alarm point. This module can be used for complete
device development of household gas leak alarm.
Feature
1. Small Size; 2. Fast Response; 3. UART output
Application:
For complete device development of household gas leak alarm.
Parameters
stable1.
Fig1. Module structure
Model
ZP14-V2.0
Detection Gas
Natural gas
Type of sensor
Flat surfaced semiconductor type
Response time
< 30s
Resume time
< 30s
Working Voltage
DC (3~5) V
Working Current
< 80mA
UART output range
0~5000ppm
Resolution
50ppm
Accuracy
±3%LEL
(20℃±2℃; 55%±5%RH)
Expected Lifespan
5 years
Working Conditions
Temperature: -10~55℃
Humidity:20~90%RH
Storage Conditions
Temperature: -20~60℃
Humidity:20%~65%RH
Dimension
25×21.1×15mm(L×W×H)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com