Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4366 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC4366
Description  Low Quiescent Current Surge Stopper with 9m廓 MOSFET
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4366 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC4366 Datasheet HTML 7Page - Analog Devices LTC4366 Datasheet HTML 8Page - Analog Devices LTC4366 Datasheet HTML 9Page - Analog Devices LTC4366 Datasheet HTML 10Page - Analog Devices LTC4366 Datasheet HTML 11Page - Analog Devices LTC4366 Datasheet HTML 12Page - Analog Devices LTC4366 Datasheet HTML 13Page - Analog Devices LTC4366 Datasheet HTML 14Page - Analog Devices LTC4366 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LTC4381
11
Rev. 0
For more information www.analog.com
The LTC4381 limits the voltage and current delivered
to the load during supply transient or output overload
events. The N-channel MOSFET provides a low resistance
path from the input to the load during normal operation. In
overvoltage conditions it limits the output to a threshold
voltage below the clamped gate voltage. The total fault
timer period is set to ride through short-duration faults,
while longer events cause the output to shut off and pro-
tect the MOSFET from damage.
Start-Up
Figure 1 shows a 12V, 1A application which limits the
output to approximately 28.5V. When power is first
applied with VCC ≥ 4V and ON ≥ 1.05V, there is a delay of
about 10ms before the GATE pin begins charging C2 and
MOSFET’s gate terminal with a fixed 20µA current source.
The internal MOSFET operates as a source follower, ramp-
ing the output up at a rate of IGATE(UP)/C2. Inrush current
in the load capacitance COUT is given by Equation 1.
IINRUSH = IGATE(UP) •
COUT
C2
(1)
where IGATE(UP) is typically 20µA.
Eventually, the GATE pin charges to the point where VIN ≈
VOUT and stops only when ∆VGATE (VGATE – VOUT) reaches
its regulation point of 11.5V, fully enhancing the MOSFET.
Overcurrent Fault Protection
The LTC4381 features an adjustable current limit that pro-
tects against short circuits and excessive load current.
During an overcurrent event, the GATE pin is regulated to
limit the current sense voltage across the SNS and OUT
pins (∆VSNS) to 50mV when OUT is above 3V. In the case
of a severe short at the output, where OUT is less than
1.5V, the current sense voltage is 62mV. Output current is
thereby limited to ∆VSNS/RSNS. Current limit may control
the startup ramp rate in extreme cases, such as if COUT
is unusually large or if current limit is set to an unusually
low value, and artificially reduces COUT’s inrush current
below the value previously calculated.
APPLICATIONS INFORMATION
Overvoltage Fault Protection
The LTC4381 limits the voltage at the output during an
overvoltage at the input. For the LTC4381-1/LTC4381-2
illustrated in Figure 1, an internal clamp limits the output
to either 28.5V or 47V, depending on the state of the SEL
pin. With the SEL pin grounded as shown, the output
is clamped at 28.5V. Tying the SEL pin high causes the
output to clamp at 47V.
The GATE pin may also be limited by the compliance of
the internal 20µA current source, to VCC + 13.5V. In the
LTC4381-3/LTC4381-4 the GATE pin clamp is entirely
disconnected, leaving only the VCC + 13.5V compliance
limit. This arrangement allows the output to be effectively
clamped at any voltage from 14.5V to 72V, by clamping
VCC to between 4V and 61.5V.
VCC Pin
The LTC4381 can withstand an input surge voltage of up to
100V. If the maximum expected surge voltage is less than
80V, the VCC pin can be connected directly to the input
supply. If the surge voltage is between 80V to 100V, the
VCC pin must be protected by filtering or clamping since
its operating range is from 4V to 80V for LTC4381-1/
LTC4381-2 and 4V to 72V for LTC4381-3/LTC4381-4.
For short duration spikes and transients exceeding 80V,
filtering is the most sensible means of protecting the VCC
pin. R1 and C1 provide filtering in Figure 1. Owing to the
LTC4381’s low ICC, values up to 100k may be used for R1
without seriously impairing the lower end of the operating
voltage range. For long duration surges such as auto-
motive load dump, C1 becomes prohibitively large and
Zener D1 is the most effective means of limiting the VCC
Figure 1. 12V/1A, Output Limited to 28.5V
RSNS
40m
R2
33
R1
10k
RDRN
100k
R3
10
C1
4.7µF
CTMR
220nF
C2
47nF
COUT
22µF
D1
68V
IN
DRN
ON
VCC
SEL
GND
4381 F01
TMR
SRC
SNS
OUT
LTC4381-2
GATE
GFET
CMHZ5266B
12V/1A OUTPUT
CLAMPED AT 28.5V
VIN
12V
FLT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com