Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4366 Datasheet(PDF) 24 Page - Analog Devices

Part # LTC4366
Description  Low Quiescent Current Surge Stopper with 9m廓 MOSFET
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4366 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTC4366 Datasheet HTML 16Page - Analog Devices LTC4366 Datasheet HTML 17Page - Analog Devices LTC4366 Datasheet HTML 18Page - Analog Devices LTC4366 Datasheet HTML 19Page - Analog Devices LTC4366 Datasheet HTML 20Page - Analog Devices LTC4366 Datasheet HTML 21Page - Analog Devices LTC4366 Datasheet HTML 22Page - Analog Devices LTC4366 Datasheet HTML 23Page - Analog Devices LTC4366 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
LTC4381
24
Rev. 0
For more information www.analog.com
ANALOG DEVICES, INC. 2021
04/21
www.analog.com
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER DESCRIPTION
COMMENTS
LT4356
Surge Stopper with Current Limit
4V to 80V Operation; 100V Protection; DFN-12, MSOP-10 and SO-16 Packages
LTC4359
Ideal Diode Controller
4V to 80V Operation, –40V Input Protection, DFN-8 and MSOP-8 Packages
LTC4361
Overvoltage/Overcurrent Protection Controller
2.5V to 5.5V Operation, 80V Protection, TSOT-8 and DFN-8 Packages
LT4363
Surge Stopper with Current Limit
4V to 80V Operation; >100V Protection; DFN-12, MSOP-12 and SO-16 Packages
LTC4364
Surge Stopper with Ideal Diode
4V to 80V Operation; –40V to >100V Protection; DFN-14, MSOP-16 and
SO-16 Packages
LTC4365
OV, UV and Reverse Input Protection Controller
2.5V to 34V Operation, –40V to 60V Protection, DFN-8 and TSOT-8 Packages
LTC4366
High Voltage Surge Stopper
9V to >500V Operation, Floating Topology, TSOT-8 and DFN-8 Packages
LTC4367
OV, UV and Reverse Input Protection Controller
2.5V to 60V Operation, –40V to 100V Protection, DFN-8 and MSOP-8 Packages
LTC7860
Switching Surge Stopper
3.5V to 60V Operation, >100V Protection, MSOPE-12 Package
LTC4380
Low Quiescent Current Surge Stopper
4V to 72V Operation, –60V to >100V Protection, DFN-10 and MSOP-10 Packages
Figure 11. 48V, 10A eFuse
VOUT
D1
R4
51k
RDRN
100k
RSNS
4m
CTMR
150nF
COUT
220µF
R1
10k
R5
240k
D2
IN
DRN
ON
VCC
GND
TMR
SRC
SNS
OUT
LTC4381-4
GATE
GFET
FLT
48V
10A
SEL
68V
CMHZ5266B
33V
BZX84B33
4381 F11
*MINIMUM COUT IS 10 F
VIN
48V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com