Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4366 Datasheet(PDF) 22 Page - Analog Devices

Part # LTC4366
Description  Low Quiescent Current Surge Stopper with 9m廓 MOSFET
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4366 Datasheet(HTML) 22 Page - Analog Devices

Back Button LTC4366 Datasheet HTML 16Page - Analog Devices LTC4366 Datasheet HTML 17Page - Analog Devices LTC4366 Datasheet HTML 18Page - Analog Devices LTC4366 Datasheet HTML 19Page - Analog Devices LTC4366 Datasheet HTML 20Page - Analog Devices LTC4366 Datasheet HTML 21Page - Analog Devices LTC4366 Datasheet HTML 22Page - Analog Devices LTC4366 Datasheet HTML 23Page - Analog Devices LTC4366 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
LTC4381
22
Rev. 0
For more information www.analog.com
Figure 10. –60V Reverse Battery Protection with 100V/1A/3ms Overvoltage Protection
VIN
D1
R3
10
RDRN
150k
RSNS
40m
CTMR
220nF
COUT
22µF
R2
33
C2
47nF
R1
10k
M2
IRLR2908
R4
D4
1N4148
Q1
2N3904
10k
R5
240k
R6
D3
1N4148
C1
100nF
IN
DRN
ON
VCC
GND
TMR
SRC
SNS
OUT
LTC4381-2
GATE
GFET
FLT
SEL
68V
CMHZ5266B
100VPK
1MΩ
4381 F10
VOUT
CLAMPED
AT 28.5V/1A
TYPICAL APPLICATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com