Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4366 Datasheet(PDF) 13 Page - Analog Devices

Part # LTC4366
Description  Low Quiescent Current Surge Stopper with 9m廓 MOSFET
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4366 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC4366 Datasheet HTML 9Page - Analog Devices LTC4366 Datasheet HTML 10Page - Analog Devices LTC4366 Datasheet HTML 11Page - Analog Devices LTC4366 Datasheet HTML 12Page - Analog Devices LTC4366 Datasheet HTML 13Page - Analog Devices LTC4366 Datasheet HTML 14Page - Analog Devices LTC4366 Datasheet HTML 15Page - Analog Devices LTC4366 Datasheet HTML 16Page - Analog Devices LTC4366 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LTC4381
13
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Fault Timer Operation in Overcurrent
TMR pin behavior in overcurrent is substantially the same
as in overvoltage. In the presence of an overcurrent con-
dition when the LTC4381 regulates the output current, the
TMR pin charges from 0V to 1.215V with a current that
varies principally as a function of the power dissipated in
the MOSFET. In addition to the variable current, an addi-
tional 24µA hastens timeout in a low impedance short
where the output is less than 1.5V. This additional current
is reduced to 6µA when VOUT is above 3V.
The TMR pin current with VOUT less than 1.5V is given
by Equation 5.
ITMR = 0.0917
A
V
⎡
⎣
⎢
⎤
⎦
⎥  •  ID •RSNS •
VDS
RDRN
− 70 µA
[ ]
⎛
⎝
⎜
⎞
⎠
⎟
+24.5 µA
[ ]
(5)
where 24.5μA is the extra TMR current during overcurrent
condition. If IDRN is less than 70µA, use ITMR of 24µA.
And with VOUT above 3V given by Equation 6.
ITMR = 0.0917
A
V
⎡
⎣
⎢
⎤
⎦
⎥  •  ID •RSNS •
VDS
RDRN
− 70 µA
[ ]
⎛
⎝
⎜
⎞
⎠
⎟
+6 µA
[ ]
(6)
where 6μA is the extra TMR current during overcurrent
condition. If IDRN is less than 70µA, use ITMR of 6µA.
When TMR reaches 1.215V, the FLT pin pulls low and the
MOSFET is turned off and allowed to cool for an extended
period. The total elapsed time between the onset of output
clamping and turning off is given by Equation 7.
tTMR = VTMR(F) •
CTMR
ITMR
(7)
Because ITMR is a function of VDS and ID, the exact time
spent in overcurrent before turning off depends upon the
input waveform, the output voltage and the time required
for the output current to come into regulation.
Cool Down Phase
Cool down behavior is the same whether initiated by over-
voltage or overcurrent. During the cool down phase, the
timer continues to charge from 1.215V to 3.4V with 2µA,
and then discharge back down to 1.215V with 2µA. This
cycle repeats 14 times and at the 15th cycle the TMR pin
is pulled all the way to ground. The total cool down time
is given by Equation 8.
tCOOL = CTMR •
15 • 4.37V
+(1.215V – 0.1V)
2 µA
[ ]
= CTMR • 33.3
s
µF
⎡
⎣⎢
⎤
⎦⎥
(8)
where CTMR is in µF.
Up to this point the operation of the LTC4381-1/LTC4381-3
and LTC4381-2/LTC4381-4 is the same. Behavior at the
end of the cool down phase is entirely different.
At the end of the cool down phase, when TMR crosses
the 100mV reset threshold, the LTC4381-1/LTC4381-3
remain latched off and FLT remains low. They may be
restarted by pulling the ON pin low for at least 100µs or
by cycling the power supply. The cool down phase may
be interrupted at anytime by pulling the ON pin low for at
least 10ms/µF of CTMR; the LTC4381-1/LTC4381-3 will
restart when ON goes high. The LTC4381-2/LTC4381-4
will automatically retry at the end of the cool down phase
without cycling the ON pin and the cool down phase
may be interrupted by pulling the ON pin low for at least
10ms/µF of CTMR.
For both versions, the FLT pin goes high in shutdown and
is cleared high when power is first applied to VCC. If FLT
is set low, it can be reset during the cool down phase by
pulling the ON pin low for at least 10ms/µF of CTMR.
Supply Transient Protection
The LTC4381-1/LTC4381-2 is tested to operate to 80V
and the LTC4381-3/LTC4381-4 to 72V. The IN and VCC
pins are guaranteed to be safe from damage up to 100V
and 80V, respectively. Voltage transients above these volt-
ages may cause permanent damage. During a short-cir-
cuit condition, the large change in current flowing through
power supply traces and associated wiring can cause
large inductive voltage transients. To minimize the voltage
transients, minimize the power trace parasitic inductance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com