Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD1985 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # LD1985
Description  LINEAR INTEGRATED CIRCUIT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LD1985 Datasheet(HTML) 5 Page - Unisonic Technologies

  LD1985 Datasheet HTML 1Page - Unisonic Technologies LD1985 Datasheet HTML 2Page - Unisonic Technologies LD1985 Datasheet HTML 3Page - Unisonic Technologies LD1985 Datasheet HTML 4Page - Unisonic Technologies LD1985 Datasheet HTML 5Page - Unisonic Technologies LD1985 Datasheet HTML 6Page - Unisonic Technologies LD1985 Datasheet HTML 7Page - Unisonic Technologies LD1985 Datasheet HTML 8Page - Unisonic Technologies LD1985 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
UTCLD1985
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
5
QW-R102-021,B
ELECTRICAL CHARACTERISTICS FOR LD1985 VO±1.5%
(TJ=25℃, Vi=Vo+1V, Io=1mA, VSHDN=2V, Ci=1μF, Co=1μF, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Operating Input Voltage
Vop
2.5
7
V
Vi=2.5V
1.477
1.5
1.523
V
Io=1 ~ 150mA
1.455
1.545
V
Output Voltage
Vo
Io=1 ~ 150mA, TJ=-40 ~ 125℃
1.440
1.560
V
Vi=2.8V
1.773
1.8
1.827
V
Io=1 ~ 150mA
1.746
1.854
V
Output Voltage
Vo
Io=1 ~ 150mA, TJ=-40 ~ 125℃
1.728
1.872
V
Vi=3.5V
2.4625
2.5
2.5375
V
Io=1 ~ 150mA
2.425
2.575
V
Output Voltage
Vo
Io=1 ~ 150mA, TJ=-40 ~ 125℃
2.4
2.6
V
Vi=3.8V
2.758
2.8
2.842
V
Io=1 ~ 150mA
2.716
2.884
V
Output Voltage
Vo
Io=1 ~ 150mA, TJ=-40 ~ 125℃
2.688
2.912
V
Vi=3.85V
2.807
2.85
2.893
V
Io=1 ~ 150mA
2.764
2.935
V
Output Voltage
Vo
Io=1 ~ 150mA, TJ=-40 ~ 125℃
2.736
2.964
V
Vi=4.0V
2.955
3.0
3.045
V
Io=1 ~ 150mA
2.91
3.09
V
Output Voltage
Vo
Io=1 ~ 150mA, TJ=-40 ~ 125℃
2.88
3.12
V
Vi=4.1V
3.0535
3.1
3.1465
V
Io=1 ~ 150mA
3.007
3.193
V
Output Voltage
Vo
Io=1 ~ 150mA, TJ=-40 ~ 125℃
2.976
3.224
V
Vi=4.2V
3.152
3.2
3.248
V
Io=1 ~ 150mA
3.104
3.296
V
Output Voltage
Vo
Io=1 ~ 150mA, TJ=-40 ~ 125℃
3.072
3.328
V
Vi=4.3V
3.2505
3.3
3.3495
V
Io=1 ~ 150mA
3.201
3.399
V
Output Voltage
Vo
Io=1 ~ 150mA, TJ=-40 ~ 125℃
3.168
3.432
V
Vi=4.5V
3.447
3.5
3.552
V
Io=1 ~ 150mA
3.395
3.605
V
Output Voltage
Vo
Io=1 ~ 150mA, TJ=-40 ~ 125℃
3.360
3.640
V
Vi=4.6V
3.546
3.6
3.654
V
Io=1 ~ 150mA
3.492
3.708
V
Output Voltage
Vo
Io=1 ~ 150mA, TJ=-40 ~ 125℃
3.456
3.744
V
Vi=4.8V
3.743
3.8
3.857
V
Io=1 ~ 150mA
3.686
3.914
V
Output Voltage
Vo
Io=1 ~ 150mA, TJ=-40 ~ 125℃
3.648
3.952
V
Vi=5.0V
3.94
4
4.06
V
Io=1 ~ 150mA
3.88
4.12
V
Output Voltage
Vo
Io=1 ~ 150mA, TJ=-40 ~ 125℃
3.84
4.16
V
Vi=5.7V
4.6295
4.7
4.7705
V
Io=1 ~ 150mA
4.559
4.841
V
Output Voltage
Vo
Io=1 ~ 150mA, TJ=-40 ~ 125℃
4.512
4.888
V
Vi=6.0V
4.925
5
5.075
V
Output Voltage
Vo
Io=1 ~ 150mA
4.85
5.15
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com