Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD1985 Datasheet(PDF) 11 Page - Unisonic Technologies

Part # LD1985
Description  LINEAR INTEGRATED CIRCUIT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LD1985 Datasheet(HTML) 11 Page - Unisonic Technologies

Back Button LD1985 Datasheet HTML 3Page - Unisonic Technologies LD1985 Datasheet HTML 4Page - Unisonic Technologies LD1985 Datasheet HTML 5Page - Unisonic Technologies LD1985 Datasheet HTML 6Page - Unisonic Technologies LD1985 Datasheet HTML 7Page - Unisonic Technologies LD1985 Datasheet HTML 8Page - Unisonic Technologies LD1985 Datasheet HTML 9Page - Unisonic Technologies LD1985 Datasheet HTML 10Page - Unisonic Technologies LD1985 Datasheet HTML 11Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
UTCLD1985
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
11
QW-R102-021,B
Typical values are, respectively, 42.6 KΩ and 51.150 KΩ.
Reverse Current Test Circuit
2
VREV
Bypass
IN
1μF
+
Vi
INH
VINH
1
GND
R2
R1
OUT
4.7μF
+
A
Vi
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com