Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD1985 Datasheet(PDF) 6 Page - Unisonic Technologies

Part # LD1985
Description  LINEAR INTEGRATED CIRCUIT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LD1985 Datasheet(HTML) 6 Page - Unisonic Technologies

Back Button LD1985 Datasheet HTML 2Page - Unisonic Technologies LD1985 Datasheet HTML 3Page - Unisonic Technologies LD1985 Datasheet HTML 4Page - Unisonic Technologies LD1985 Datasheet HTML 5Page - Unisonic Technologies LD1985 Datasheet HTML 6Page - Unisonic Technologies LD1985 Datasheet HTML 7Page - Unisonic Technologies LD1985 Datasheet HTML 8Page - Unisonic Technologies LD1985 Datasheet HTML 9Page - Unisonic Technologies LD1985 Datasheet HTML 10Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
UTCLD1985
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
6
QW-R102-021,B
Io=1 ~ 150mA, TJ=-40 ~ 125℃
4.8
5.2
V
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Short Circuit Current
Isc
RL=0
400
mA
Vi=Vo+1V ~ 16V, Io=1mA
0.03
0.014
%/Vi
Line Regulation
△
Vo/△Vi
Vi=Vo+1V ~ 16V, Io=1mA
TJ=-40 ~ 125℃
0.032
%/Vi
Io=0
1
3
mV
TJ=-40 ~ 125℃, Io=0
5
mV
Io=1mA
7
10
mV
Io=1mA, TJ=-40 ~ 125℃
15
mV
Io=10mA
40
60
mV
Io=10mA, TJ=-40 ~ 125℃
90
mV
Io=50mA
120
150
mV
Io=50mA, TJ=-40 ~ 125℃
225
mV
Io=150mA
280
350
mV
Dropout Voltage
Vd
Io=150mA, TJ=-40 ~ 125℃
575
mV
Io=0
80
100
μ
A
TJ=-40 ~ 125℃, Io=0
150
μ
A
Io=1mA
100
150
μ
A
Io=1mA, TJ=-40 ~ 125℃
200
μ
A
Io=10mA
200
300
μ
A
Io=10mA, TJ=-40 ~ 125℃
400
μ
A
Io=50mA
600
900
μ
A
Io=50mA, TJ=-40 ~ 125℃
1200
μ
A
Io=150mA
2000
3000
μ
A
Io=150mA, TJ=-40 ~ 125℃
4000
μ
A
OFF MODE VINH<0.18V
0
μ
A
Quiescent Current
Id
OFF MODE VINH<0.18V
TJ=-40 ~ 125℃
2
μ
A
Supply Voltage Rejection
SVR
CBYP=0.01μF, Co=10μF, f=1KHz
45
dB
Control Input Logic Low
VIL
TJ=-40 ~ 125℃
0.15
V
Control Input Logic High
VIH
TJ=-40 ~ 125℃
2
V
Control Input Current
IiNH
TJ=-40 ~ 125℃, VSHDN=5V
5
15
μ
A
TJ=-40 ~ 125℃, VSHDN=0V
0
-1
μ
A
Output Noise Voltage
eN
B=300Hz ~ 50KHz
CBYP=0.01μF, Co=10μF
30
μ
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com