Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD1985 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LD1985
Description  LINEAR INTEGRATED CIRCUIT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LD1985 Datasheet(HTML) 1 Page - Unisonic Technologies

  LD1985 Datasheet HTML 1Page - Unisonic Technologies LD1985 Datasheet HTML 2Page - Unisonic Technologies LD1985 Datasheet HTML 3Page - Unisonic Technologies LD1985 Datasheet HTML 4Page - Unisonic Technologies LD1985 Datasheet HTML 5Page - Unisonic Technologies LD1985 Datasheet HTML 6Page - Unisonic Technologies LD1985 Datasheet HTML 7Page - Unisonic Technologies LD1985 Datasheet HTML 8Page - Unisonic Technologies LD1985 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
UTCLD1985
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
1
QW-R102-021,B
VERY LOW DROP AND LOW
NOISE VOLTAGE REGULATOR
LOW ESR CAP. COMPATIBLE,
WITH INHIBIT FUNCTION
DESCRIPTION
The UTC LD1985 is a 150mA fixed output voltage
regulator. The ultra low drop voltage and the low
quiescent current make them particularly suitable for low
noise, low power applications, and in battery powered
systems. In sleep mode quiescent current is less than
1μA when INHIBIT pin is pulled low. Shutdown Logic
Control Function is available on pin 3 (TTL compatible).
This means that when the device is used as local
regulator, it is possible to put a part of the board in
standby, decreasing the total power consumption.
An external capacitor, CBYP=10nF, connected between
bypass pin and GND reduce the noise to 30μVrms.
Typical application are in cellular phone, palmtop
laptop computer, personal digital assistant (PDA),
personal stereo, camcorder and camera.
FEATURES
*VERY LOW DROPOUT VOLTAGE (280mV at 150mA
AND 7mV at 1mA LOAD)
*VERY LOW QUIESCENT CURRENT (2mA Typ. at
150mA LOAD AND 80μA at NO LOAD)
*OUTPUT CURRENT UP TO 150mA
*LOGIC CONTROLLED ELECTRONIC SHUTDOWN
*OUTPUT VOLTAGE OF 1.5, 1.8, 2.5, 2.8, 2.85, 3, 3.1,
3.2, 3.3, 3.5, 3.6, 3.8, 4, 4.7, 5V
*INTERNAL CURRENT AND THERMAL LIMIT
*AVAILABLE IN ± 1% TOLLERANCE (at 25℃, A
VERSION)
*LOW OUTPUT NOISE VOLTAGE 30μVrms
SOT-25
1
2
3
4
5
1:VIN
2:GND
3:INHIBIT
4:Bypass
5:VOUT
PIN DESCRIPTION
PIN
NO.
PIN
NAME
FUNCTION
1
IN
Input Port
2
GND Ground Pin
3
INHIBIT
Control switch ON/OFF.
Inhibit is not internally
pulled-up; it cannot be left
floating. Disable the device
when connected to GND or
to a positive voltage less
than 0.18V
4
Bypass
Bypass Pin: Capacitor to
be connected to GND in
order to improve the
thermal noise
performances.
5
OUT
Output Port


Similar Part No. - LD1985

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LD1985 UTC-LD1985 Datasheet
253Kb / 10P
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
LD1985 UTC-LD1985 Datasheet
245Kb / 10P
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
LD1985 ETL-LD1985 Datasheet
294Kb / 9P
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
logo
Unisonic Technologies
LD1985-15-AF5-R UTC-LD1985-15-AF5-R Datasheet
424Kb / 10P
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
LD1985-18-AF5-R UTC-LD1985-18-AF5-R Datasheet
424Kb / 10P
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
More results

Similar Description - LD1985

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UZ1086 UTC-UZ1086 Datasheet
129Kb / 5P
LINEAR INTEGRATED CIRCUIT
M4565 UTC-M4565 Datasheet
127Kb / 4P
LINEAR INTEGRATED CIRCUIT
TA31142 UTC-TA31142 Datasheet
53Kb / 6P
LINEAR INTEGRATED CIRCUIT
UTC78D UTC-UTC78D Datasheet
104Kb / 7P
LINEAR INTEGRATED CIRCUIT
TL432C UTC-TL432C_07 Datasheet
103Kb / 3P
LINEAR INTEGRATED CIRCUIT
logo
Wing Shing Computer Com...
AN6650 WINGS-AN6650 Datasheet
56Kb / 3P
Linear Integrated Circuit
logo
Leshan Radio Company
LR431ATLTIG LRC-LR431ATLTIG Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LR431BPTLT1G LRC-LR431BPTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LTL431APTLT1G LRC-LTL431APTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LTL431BPTLT1G LRC-LTL431BPTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com