Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SK645/50/SA Datasheet(PDF) 6 Page - ON Semiconductor

Part # SK645/50/SA
Description  Motor Development Kit (MDK) 4 kW Board with Intelligent Power Module SPM31 650 V
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SK645/50/SA Datasheet(HTML) 6 Page - ON Semiconductor

Back Button SK645/50/SA Datasheet HTML 2Page - ON Semiconductor SK645/50/SA Datasheet HTML 3Page - ON Semiconductor SK645/50/SA Datasheet HTML 4Page - ON Semiconductor SK645/50/SA Datasheet HTML 5Page - ON Semiconductor SK645/50/SA Datasheet HTML 6Page - ON Semiconductor SK645/50/SA Datasheet HTML 7Page - ON Semiconductor SK645/50/SA Datasheet HTML 8Page - ON Semiconductor SK645/50/SA Datasheet HTML 9Page - ON Semiconductor SK645/50/SA Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
SECO−MDK−4KW−65SPM31−GEVB
www.onsemi.com
6
described in more detail in the UCB Controller section and
in Low−power Connectors, High−power Connectors, and in
Appendix. The applied design has been influenced by the
AND9390/D [10] and the NFAM5065L4B [2] data sheet.
Current Measurement
The development system is round out by the NCS2250
High Speed Comparator, the NCS20166 precision
low−offset Op−Amp, and the NCD98011 UCB integrated
ADC module. Currently, ADC resolution is 11−bit resulting
in an overall resolution of 0.016 A/bit, while the range of
phase−current measurement is set to
±16.5 A. The
NCS20166 gain selection, the current sense resistor
selection, and the NCD98011 ADC module that is integrated
in UCB define the overall current resolution. The overall
resolution and maximum current range can be found in
Table 1. More details around the SAR concept and
NCD98011 can be found in [9].
DC−Link and Inverter Phase−voltages Measurement
The DC−Link and inverter phase−voltage are both sensed
via resistive voltage divider circuits, where the scaled−down
voltage signals are used as inputs for the integrated UCB
ADC − NCD98011 − modules. As mentioned above, overall
resolution and maximum voltage range can be found in
Table 1.
Over−current Protection and Under Voltage Protection
Fault
The hardware over−current protection leverages the
disable−option on the IPM. This function exploits the
disable pin (CIN pin) of IPM, via the ITRIP signal that is
provided to the power module by the NCS2250 comparator.
The disable−pin (CIN pin) is also controlled by UCB
controller, allowing the end−user to configure a multilayer
overcurrent protection. Finally, the end−user may also
leverage the output fault signal of IPM (VFO), using the
UCB controller. Note that VFO output is routed to UCB. As
such, when a fault arises the software can use VFO output
accordingly to shut down system operation or take other
actions. Note that the above protection mechanism is
implemented in software level, and as such it might be
subjected to delays or spurious tripping if not properly
handled.
UCB Controller
The UCB is a powerful universal motor controller that is
based on SOC Zynq 7000 series [11]. It includes a dual
667 MHz CPU Cortex A9 core, with freely configurable
digital peripheral, bootloader capability via micro SD card,
USB/UART/JTAG interface, 32 Mbyte Flash memory,
32−Bit−wide 256 MByte DDR3 SDRAM, on−board
Ethernet phy, 10 ADC channel – using ON Semiconductor
NCD98011), and 12 complementary PWM channels. The
UCB is an industrial−grade System on Module (SoM) that
can be used for advanced networked motor and motion
control systems, capable of delivering advanced control
strategies for different types of motors (AC induction motor,
PMSM, BLDC).
The UCB controller interacts with the power board via
specific pins, which are routed to two − 120 pins each –
connectors. More details around the connectors can be found
in Board Connectors. Auxiliary 5 Vdc and 3.3 Vdc power
supplies can be used for powering−up the UCB board. They
are located at the main power board. Alternatively, the UCB
can be powered−up from the 5 Vdc USB cable, which is
connected to the controller. Then, the UCB generates all the
voltage rails (3.3 Vdc included) that are required for its
proper operation. In addition, it also delivers (independently
of the main auxiliary supplies) the necessary 5 Vdc and
3.3 Vdc reference voltages for the Op−Amps and
comparators on the power board. Therefore, functionality of
the controller, as well as the functionality of the Op−Amps
and comparators can be evaluated even when the main
power board auxiliary supplies are off.
Finally, the UCB provides the control capabilities of the
system, and supports the user interface communication. End
user can develop its own applications to exploit the UCB
features and capabilities. As mentioned earlier the
MDK_SPM31 power board provides all the required
feedback to the UCB for the generation of PWM driving
signals to control the IGBT module gate drivers as well as
to enable/disable the module in the event of faults arising.
This allows end−user to develop many different control
strategies from simple V/F and Field Oriented Control
(FOC) up to predictive control algorithms. Moreover, the
UCB enables bidirectional serial communication to transfer
measurements data for visualization purposes. A Graphical
User Interface is provided, along with an appropriate code
in flash that can run a simple V/F control or an FOC and
allow visualization of key electrical quantities. More details
around the software can be found in Software section. The
interface header pinout of MDK_SPM31 is described in
detail in Board Connectors. A detailed description of the
UCB connector can be found in Appendix. Finally, the
documentation around UCB can be found in [1].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com