Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SK645/50/SA Datasheet(PDF) 16 Page - ON Semiconductor

Part # SK645/50/SA
Description  Motor Development Kit (MDK) 4 kW Board with Intelligent Power Module SPM31 650 V
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SK645/50/SA Datasheet(HTML) 16 Page - ON Semiconductor

Back Button SK645/50/SA Datasheet HTML 12Page - ON Semiconductor SK645/50/SA Datasheet HTML 13Page - ON Semiconductor SK645/50/SA Datasheet HTML 14Page - ON Semiconductor SK645/50/SA Datasheet HTML 15Page - ON Semiconductor SK645/50/SA Datasheet HTML 16Page - ON Semiconductor SK645/50/SA Datasheet HTML 17Page - ON Semiconductor SK645/50/SA Datasheet HTML 18Page - ON Semiconductor SK645/50/SA Datasheet HTML 19Page - ON Semiconductor SK645/50/SA Datasheet HTML 20Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
SECO−MDK−4KW−65SPM31−GEVB
www.onsemi.com
16
TESTING AND OPERATION
This section describes how to test and operate the
development board and present the test results. At the
beginning the Safety and Precautions are described, which
are a mandatory read before manipulating the board.
Safety Precautions
This section describes the Safety Precautions which are
a mandatory read before manipulating the board.
Attention:
The
SECO−MDK−4KW−65SPM31−GEVB
is
powered by external DC power supply, and is
exposed to high voltage. Only trained personnel
should manipulate and operate on the system.
Ensure that all boards are properly connected
before powering, and that power is off before
disconnecting any boards. It is mandatory to read
the Safety Precautions Table before manipulating
the board. Failure to comply with the described
safety precautions may result in personal injury or
death, or equipment damage.
Table 2. SAFETY PRECAUTIONS
1
Ground Potential
The ground potential of the system is biased to a negative DC bus voltage potential. When
measuring voltage waveform by oscilloscope, the scope’s ground needs to be isolated.
Failure to do so may result in personal injury or death.
2
USB Isolation
The ground potential of the system is NOT biased to an earth (PE) potential. When
connecting the MCU board via USB to the computer, the appropriate galvanic isolated USB
isolator have to be used. The recommended isolation voltage of USB isolator is 5 kV.
3
DC BUS Capacitors
SECO−MDK−4KW−65SPM31−GEVB system contains DC bus capacitors which take time
to discharge after removal of the main supply. Before working on the drive system, wait ten
minutes for DC BUS capacitors to discharge to safe voltage levels. Failure to do so may
result in personal injury or death.
4
Trained Personnel
Only personnel familiar with the drive and associated machinery should plan or implement
the installation, start−up and subsequent maintenance of the system. Failure to comply may
result in personal injury and/or equipment damage.
5
Hot Temperature
The surfaces of the NFAM5065L4B and development board drive may become hot, which
may cause injury.
6
ESD
SECO−MDK−4KW−65SPM31−GEVB system contains parts and assemblies sensitive to
Electrostatic Discharge (ESD). Electrostatic control precautions are required when
installing, testing, servicing or repairing this assembly. Component damage may result if
ESD control procedures are not followed. If you are not familiar with electrostatic control
procedures, refer to applicable ESD protection handbooks and guidelines.
7
Installation and Use
A drive, incorrectly applied or installed, can result in component damage or reduction in
product lifetime. Wiring or application errors such as under sizing the motor, supplying an
incorrect or inadequate AC supply or excessive ambient temperatures may result in system
malfunction.
8
Powering Down the System
Remove and lock out power from the drive before you disconnect or reconnect wires or
perform service. Wait ten minutes after removing power to discharge the DC bus
capacitors. Do not attempt to service the drive until the bus capacitors have discharged to
zero. Failure to do so may result in personal injury or death.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com