Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SK645/50/SA Datasheet(PDF) 28 Page - ON Semiconductor

Part # SK645/50/SA
Description  Motor Development Kit (MDK) 4 kW Board with Intelligent Power Module SPM31 650 V
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SK645/50/SA Datasheet(HTML) 28 Page - ON Semiconductor

Back Button SK645/50/SA Datasheet HTML 22Page - ON Semiconductor SK645/50/SA Datasheet HTML 23Page - ON Semiconductor SK645/50/SA Datasheet HTML 24Page - ON Semiconductor SK645/50/SA Datasheet HTML 25Page - ON Semiconductor SK645/50/SA Datasheet HTML 26Page - ON Semiconductor SK645/50/SA Datasheet HTML 27Page - ON Semiconductor SK645/50/SA Datasheet HTML 28Page - ON Semiconductor SK645/50/SA Datasheet HTML 29Page - ON Semiconductor SK645/50/SA Datasheet HTML 30Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
SECO−MDK−4KW−65SPM31−GEVB
www.onsemi.com
28
Table 5. MDK_SPM31 INTERFACE (continued)
MDK
INTERFACE
Connection Description
NET LABEL
IPM
MDK
CONNECTOR Pin
76
CON6 p9
DIO_2_4
Debug pin avail. at p9 CON6
78
CON7 p5
DIO_2_5 (Note 2)
Debug pin avail. at p5 CON7
79
CON7 p4
DIO_2_6 (Note 2)
Debug pin avail. at p4 CON7
80
CON7 p3
DIO_2_7 (Note 2)
Debug pin avail. at p3 CON7
81
CON6 p13
DIO_2_8
Debug pin avail. at p13 CON6
103, 104
IPM p6,
IPM p21
PWM_0_H,
PWM_0_L
PWM0 H/L output to IPM via R14
and R17, respectively
106, 107
IPMp18,
IPM p23
PWM_2_H,
PWM_2_L
PWM2 H/L output to IPM via R16
and R19, respectively
109, 110
CON6 p17,
CON6 p16
PWM_4_H,
PWM_4_L
PWM4 output
43, 44
IPMp12,
IPM p22
PWM_1_H,
PWM_1_L
PWM1 H/L output to IPM via R15
and R18, respectively
46, 47
CON6 p15,
CON6 p14
PWM_3_H,
PWM_3_L
PWM3 output
49, 50
CON6 p18,
CON6 p19
PWM_5_H,
PWM_5_L
PWM5 output
9, 12, 17, 22, 27, 32,
37, 42, 45, 48, 51, 54,
6, 57, 60, 61, 62, 63,
69, 72, 77, 82, 87, 92,
97, 102, 105, 108, 111,
114, 117, 120
CON7 p2
IPM p27
via R99
S_GND
UCB Ground
Connect to IPM p27
(G_IPM) via R99
1, 2, 3
CON7 p1
5V
From the Auxiliary
power Supply or UCB
CON6
1
U4 p4
15VDC_SW
Connected to U4 (Power Switch ICs)
2
DIO_1_5
SPI via CON 6 (SCLK)
3
DIO_1_6
SPI via CON 6 (MOSI)
7
DIO_1_7
SPI via CON 6 (MISO)
4, 5, 6, 8
ADC_6_P via R81
ADC_7_P via R82
ADC_8_P via R83
ADC_9_P via R84
Connect to ADC port of UCB via
CON4
9, 10, 11, 12, 13
DIO_2_4
DIO_2_1
DIO_2_2
DIO_2_3
DIO_2_8
Debug Pins Connect to UCB via
CON5
14, 15, 16, 17, 18, 19
PWM_3_L
PWM_3_H
PWM_4_L
PWM_4_H
PWM_5_H
PWM_5_L
Connect to PWM port of UCB via
CON5
20
IPM p27
via R99
S_GND
S_GND
(UCB Ground)
CON7
1
CON7 p1
5V
From the Auxiliary
power Supply or UCB
2
IPM p27
via R99
S_GND
S_GND
(UCB Ground)
3
DIO_2_7 (Note 2)
Pin to UCB via CON5
4
DIO_2_6 (Note 2)
Pin to UCB via CON5
5
DIO_2_5 (Note 2)
Pin to UCB via CON5
2. Can be used as input from encoder.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com