Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SK645/50/SA Datasheet(PDF) 13 Page - ON Semiconductor

Part # SK645/50/SA
Description  Motor Development Kit (MDK) 4 kW Board with Intelligent Power Module SPM31 650 V
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SK645/50/SA Datasheet(HTML) 13 Page - ON Semiconductor

Back Button SK645/50/SA Datasheet HTML 9Page - ON Semiconductor SK645/50/SA Datasheet HTML 10Page - ON Semiconductor SK645/50/SA Datasheet HTML 11Page - ON Semiconductor SK645/50/SA Datasheet HTML 12Page - ON Semiconductor SK645/50/SA Datasheet HTML 13Page - ON Semiconductor SK645/50/SA Datasheet HTML 14Page - ON Semiconductor SK645/50/SA Datasheet HTML 15Page - ON Semiconductor SK645/50/SA Datasheet HTML 16Page - ON Semiconductor SK645/50/SA Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
SECO−MDK−4KW−65SPM31−GEVB
www.onsemi.com
13
CON4 and CON5 are hosting the UCB controller
(Figure 15). Most of the signals that are associated with the
low−power connectors are routed to the UCB controller via
CON4 and CON5. On the contrary, signals like the
IPM_DIS, and the PWM pulses are directed from CON4 and
CON5 to the NFAM5065L4B inverter for control purposes.
Figure 15. Schematic of Current Measurement Circuitry
High−power Connectors
The high−power connectors that are associated with the
input and output system voltages are illustrated in
Figures 16 and 17. Figure 16 illustrates the DC−Link input
voltage, where the green connector should be connected to
earth, the red connector should be connected to the high
potential (+), and the black to the ground (−). The inverter
output voltages, on the other hand, are available through the
connector CON3 (see Figure 17). The output voltage U, V
and W sequence is shown in Figure 17.
Figure 16. DC−Link Input Voltage Connector
UV
W
Figure 17. Inverter Output Voltage Phase Connector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com