Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

40DR-R1K3 Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # 40DR-R1K3
Description  Digital Panel Meters 40 Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

40DR-R1K3 Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  40DR-R1K3 Datasheet HTML 1Page - M-System Co.,Ltd. 40DR-R1K3 Datasheet HTML 2Page - M-System Co.,Ltd. 40DR-R1K3 Datasheet HTML 3Page - M-System Co.,Ltd. 40DR-R1K3 Datasheet HTML 4Page - M-System Co.,Ltd. 40DR-R1K3 Datasheet HTML 5Page - M-System Co.,Ltd. 40DR-R1K3 Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MODEL: 40DR
40DR SPECIFICATIONS
ES-9533 Rev.10 Page 3/6
https://www.m-system.co.jp/
DISPLAY HOLD COMMAND
Displayed value is held with an external HOLD command input. Connect the contacts across HOLD to COM.
L
HOLD
H
6
Twisted pair cable
L
HOLD
H
L
HOLD
H
L
HOLD
H
Twisted pair cable
Twisted pair cable
COM
6
5
COM
(b) Transistor
(a) 5V–CMOS, TTL
(c) Photo-Coupler
(d) Relay
Relay
Photo-Coupler
HOLD
5 HOLD
6
Twisted pair cable
COM
5 HOLD
6
5
COM
HOLD
EXTERNAL VIEW
(2) Sticker Label
(1) Front Panel
(5) Disp/
Button
(3) 4-digit Display
(4) Polarity Indicator
(6) Scale/
Button
(8) Up Button
(7) Shift Button
■ COMPONENT IDENTIFICATION
No.
COMPONENT
FUNCTIONS
(1)
Front panel
Removed at conguration.
(2)
Sticker label
Engineering unit label position
(3)
4-digit display
4-digit LED display. Range: 0 to 9999 (not including decimal point)
(4)
Polarity indicator
Turns on when negative value is displayed
(5)
Used to move on to the display setting modes; or to shift through setting items in each
setting mode.
(6)
Used to move on to the zero & span adjustment modes; or to shift through setting items in
each setting mode.
(7)
Shift button
Used to move on to the setting standby status and shift through display digits in each set-
ting item.
(8)
Up button
Used to select setting value.
Disp/ button
Scale/ button



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com