Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

40DR-R1K3 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # 40DR-R1K3
Description  Digital Panel Meters 40 Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

40DR-R1K3 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  40DR-R1K3 Datasheet HTML 1Page - M-System Co.,Ltd. 40DR-R1K3 Datasheet HTML 2Page - M-System Co.,Ltd. 40DR-R1K3 Datasheet HTML 3Page - M-System Co.,Ltd. 40DR-R1K3 Datasheet HTML 4Page - M-System Co.,Ltd. 40DR-R1K3 Datasheet HTML 5Page - M-System Co.,Ltd. 40DR-R1K3 Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MODEL: 40DR
40DR SPECIFICATIONS
ES-9533 Rev.10 Page 2/6
https://www.m-system.co.jp/
N, kN, Pa, kPa, MPa, t, t/h, ℃, °F, %RH, J,
kJ, MJ, rpm, sec, min, pH, %, ppm, etc.
INPUT SPECIFICATIONS
■ RTD (3-wire)
Maximum leadwire resistance: 10 Ω per wire
Sensing current: Approx. 0.5 mA
Usable range (conformance range):
Pt100 (JIS’97, IEC) -200 to +850℃ or -328 to +1562°F
Pt100 (JIS’89) -200 to +650℃ or -328 to +1202°F
Operational range: -230 to +880℃ or -382 to +1616°F
■ Hold Input: Dry contact input
Detecting level: ≤ 1.5 V
Sensing: Approx. 5 V DC, 1 mA
INSTALLATION
Power consumption
•AC:
Approx. 1.3 VA for 100 – 120 V
Approx. 1.2 VA for 200 – 240 V
•DC: Approx. 0.5 W
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Panel flush mounting
Weight: 160 g (0.35 lb)
PERFORMANCE
Accuracy
-200 – +200°C: ±0.2°C rdg ±1 digit
200 – 850°C: ±0.6°C rdg ±1 digit
-328 – +1562°F: ±1°F rdg ±1 digit
Temp. coefficient: ±0.1 ℃/℃
Line voltage effect: ±1 digit over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @1 minute (input to power to
ground)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
EN 61010-1
Installation Category II
Pollution Degree 2
Input to power: Reinforced insulation (300 V)
RoHS Directive



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com