Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

40DR-R1K3 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 40DR-R1K3
Description  Digital Panel Meters 40 Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

40DR-R1K3 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  40DR-R1K3 Datasheet HTML 1Page - M-System Co.,Ltd. 40DR-R1K3 Datasheet HTML 2Page - M-System Co.,Ltd. 40DR-R1K3 Datasheet HTML 3Page - M-System Co.,Ltd. 40DR-R1K3 Datasheet HTML 4Page - M-System Co.,Ltd. 40DR-R1K3 Datasheet HTML 5Page - M-System Co.,Ltd. 40DR-R1K3 Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MODEL: 40DR
40DR SPECIFICATIONS
ES-9533 Rev.10 Page 1/6
https://www.m-system.co.jp/
Digital Panel Meters 40 Series
RTD INPUT DIGITAL PANEL METER
(4 digits, process meter)
Functions & Features
• 4 digit (±9999) panel meter
• HOLD functions
• High visible, 0.8" (20.3mm) high and bright LED
mm (inch)
96 (3.78)
48
(1.89)
96 (3.78)
MODEL: 40DR–R1–[1][2]
ORDERING INFORMATION
• Code number: 40DR–R1–[1][2]
Specify a code from below for each of [1] and [2].
(e.g. 40DR-R1-R/Q)
• Specify the specification for option code /Q
(e.g. /C01/SET)
INPUT
R1: Pt 100 (JIS'97, IEC)
(Usable range -200 to +850°C, -328 to +1562°F)
Pt 100 (JIS'89)
(Usable range -200 to +650°C, -328 to +1202°F)
[1] POWER INPUT
AC Power
K3: 100 – 120V AC
(Operational voltage range 85 - 132 V, 47 - 66 Hz)
L3: 200 – 240V AC
(Operational voltage range 170 - 264 V, 47 - 66 Hz)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±20 %, ripple 10 %p-p max.)
[2] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
Moving parts and indicators are not coated.
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
EX-FACTORY SETTING
/SET: Preset according to the Ordering Information Sheet
(No. ESU-9533)
GENERAL SPECIFICATIONS
Construction: Panel flush mounting
Connection: M3 screw terminals (torque 0.6 N·m)
Solderless terminal: Refer to the drawing at the end of the
section.
Recommended manufacturer: Japan Solderless Terminal
MFG.Co.Ltd, Nichifu Co.,ltd
Applicable wire size: 0.25 to 1.65 mm2 (AWG 22 to 16)
Screw terminal: Nickel-plated steel
Housing material: Flame-resistant resin (gray)
Isolation: Input to power
A/D conversion: Σ – Δ
Sampling rate: 10 times/sec. (100 msec.)
Averaging: None or moving average
Setting: (Front button)
• Temperature unit
• Moving average
• Brightness
• Others
■Recommended solderless terminal
3.3 (.13) max
mm (inch)
DISPLAY
Display: 4 digits of 20.3 mm (0.8 inch) height, 7-segment,
red LED
Display range: -9999 to 9999
Decimal point position: 10–1 or none
Zero indication: Higher-digit zeros are suppressed.
Over-range indication:
'S.ERR' blinks surpassing the permissible range.
'B.ERR' blinks at burnout.
Engineering unit indication: Sticker label attached
DC, AC, mV, V, kV, μA, mA, A, kA, mW, W,
kW, var, kvar, Mvar, VA, Hz, Ω, kΩ, MΩ,
cm, mm, m, m/sec, mm/min, cm/min, m/min,
m/h, m/s2, inch, ℓ, ℓ/s, ℓ/min, ℓ/h, m3, m3/sec,
m3/min, m3/h, Nm3/h, N·m, N/m2, g, kg, kg/h,


Similar Part No. - 40DR-R1K3

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
40DR NELLSEMI-40DR Datasheet
197Kb / 7P
Glass Passivated Standard Recovery Diodes
40DR02 NELLSEMI-40DR02 Datasheet
197Kb / 7P
Glass Passivated Standard Recovery Diodes
40DR04 NELLSEMI-40DR04 Datasheet
197Kb / 7P
Glass Passivated Standard Recovery Diodes
40DR06 NELLSEMI-40DR06 Datasheet
197Kb / 7P
Glass Passivated Standard Recovery Diodes
40DR08 NELLSEMI-40DR08 Datasheet
197Kb / 7P
Glass Passivated Standard Recovery Diodes
More results

Similar Description - 40DR-R1K3

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DM9000 MURATA-DM9000 Datasheet
1Mb / 15P
digital panel meters
logo
M-System Co.,Ltd.
40DCT MSYSTEM-40DCT Datasheet
269Kb / 7P
Digital Panel Meters 40 Series
40DN MSYSTEM-40DN Datasheet
198Kb / 5P
Digital Panel Meters 40 Series
40DPT MSYSTEM-40DPT Datasheet
260Kb / 7P
Digital Panel Meters 40 Series
40DT MSYSTEM-40DT Datasheet
201Kb / 6P
Digital Panel Meters 40 Series
47NLN MSYSTEM-47NLN Datasheet
221Kb / 4P
Digital Panel Meters 47NL Series
47NLNT MSYSTEM-47NLNT Datasheet
176Kb / 5P
Digital Panel Meters 47NL Series
47NLR MSYSTEM-47NLR Datasheet
242Kb / 4P
Digital Panel Meters 47NL Series
47NLRT MSYSTEM-47NLRT Datasheet
187Kb / 4P
Digital Panel Meters 47NL Series
47LYV MSYSTEM-47LYV Datasheet
154Kb / 5P
Digital Panel Meters 47 Series
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com