Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

40DR-R1K3 Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # 40DR-R1K3
Description  Digital Panel Meters 40 Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

40DR-R1K3 Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  40DR-R1K3 Datasheet HTML 1Page - M-System Co.,Ltd. 40DR-R1K3 Datasheet HTML 2Page - M-System Co.,Ltd. 40DR-R1K3 Datasheet HTML 3Page - M-System Co.,Ltd. 40DR-R1K3 Datasheet HTML 4Page - M-System Co.,Ltd. 40DR-R1K3 Datasheet HTML 5Page - M-System Co.,Ltd. 40DR-R1K3 Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MODEL: 40DR
40DR SPECIFICATIONS
ES-9533 Rev.10 Page 5/6
https://www.m-system.co.jp/
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
92 (3.62)
85 (3.35)
11
(.43)
96 (3.78)
96 (3.78)
103 (4.06)
10–M3 SCREW
TERMINALS
■ TOP VIEW
■ FRONT VIEW
■ SIDE VIEW
■ REAR VIEW
1
2
3
4
5
6
7
8
9
10
6.4 (.25)
12 (.47)
MOUNTING REQUIREMENTS unit: mm
92
+ 0.8
– 0
min. 120
Panel thickness: 1.6 to 8.0 mm



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com