Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

71VR1 Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # 71VR1
Description  Paperless Recording System
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

71VR1 Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  71VR1 Datasheet HTML 1Page - M-System Co.,Ltd. 71VR1 Datasheet HTML 2Page - M-System Co.,Ltd. 71VR1 Datasheet HTML 3Page - M-System Co.,Ltd. 71VR1 Datasheet HTML 4Page - M-System Co.,Ltd. 71VR1 Datasheet HTML 5Page - M-System Co.,Ltd. 71VR1 Datasheet HTML 6Page - M-System Co.,Ltd. 71VR1 Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MODEL: 71VR1
71VR1 SPECIFICATIONS
ES-7403 Rev.17 Page 3/7
https://www.m-system.co.jp/
[Table 2 (RTD input)]
Overrange input (out of the usable range) is handled as burnout.
RTD
USABLE RANGE (˚
C) CONFORMANCE RANGE (˚C)
Pt 100 (JIS ’97, IEC)
Pt 100 (JIS ’89)
JPt 100 (JIS ’89)
Pt 50 (JIS ’81)
Ni 100
Cu 10 @25˚
C
Cu 50
-240 to +900
-240 to +900
-236 to +560
-236 to +700
-100 to +252
-212 to +312
-100 to +200
-200 to +850
-200 to +660
-200 to +510
-200 to +649
-80 to +250
-50 to +250
-50 to +150
OUTPUT SPECIFICATIONS
■ Network Interface
• Modbus-RTU: Retrievable analog data is Int data (signed
16 bits) only.
Transmission: Half-duplex, asynchronous, no procedure
Interface: Conforms to TIA/EIA-485-A
Max. transmission distance: 500 meters
Baud rate: 4800, 9600, 19200, 38400 bps
Data bit: 8 bits
Parity: Odd
Stop bit: 1 bit
Max. number of nodes: 15 (except the master)
Media: Shielded twisted-pair cable (CPEV-S 0.9 dia.)
• Infrared Interface
Interface: IrDA
Max. transmission distance: ≤ 0.2 m (with COP-IRDA and
71VRCFG)
■ Contact Output (Do1, Do2)
• Relay Output
Relay rating:
250 V AC @5 A (cos ø = 1)
30 V DC @5 A (resistive load)
Maximum switching voltage: 250 V AC or 30 V DC
Maximum switching power: 1250 VA or 150 W
Minimum load: 5 V DC @10 mA
Mechanical life: 2 × 107 cycles
INSTALLATION
Power consumption
• AC:
Approx. 7 VA at 100 V
Approx. 10 VA at 240 V
• DC: Approx. 6 W
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Panel flush mounting
Weight: 550 g (1.21 lb)
PERFORMANCE
Conversion accuracy
DC input: ±0.1% ±1 digit
Thermocouple input: ±1°C (±2°C for B, R, S, C, PR)
RTD input: ±1°C (±3°C for Cu 10)
CJC error: ±2°C max. at 25°C ±10°C
±4°C max. for R, S, PR
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
(±0.05 %/°C (±0.03 %/°F) for Cu 10) of max. span
Response time: ≤ 0.5 sec. for DC input with the sample
rate set to 100 msec.
≤ 2.5 sec. for T/C, RTD input with the sample
rate set to 500 msec.
Response time of alarm output, 0 – 100 % at 90 % setpoint.
Line voltage effect: ±0.1 % over voltage range
Calendar clock accuracy: Monthly deviation 2 minutes at
25°C
Battery backup: Approx. one month
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @1 minute
(analog input each other to contact input to contact output
1 to contact output 2 to Modbus interface to power to FE)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
EN 61010-1
Measurement Category II (contact output)
Installation Category II (power)
Pollution degree 2
Analog input or contact input or contact output or network
interface to power to FE: Reinforced insulation (300 V)
Analog input each other to contact input to contact output
each other to network interface: Basic insulation (300 V)
RoHS Directive
Protection against access to the terminal blocks:
Finger protection (VDE 0660-514)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com