Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

71VR1 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # 71VR1
Description  Paperless Recording System
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

71VR1 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  71VR1 Datasheet HTML 1Page - M-System Co.,Ltd. 71VR1 Datasheet HTML 2Page - M-System Co.,Ltd. 71VR1 Datasheet HTML 3Page - M-System Co.,Ltd. 71VR1 Datasheet HTML 4Page - M-System Co.,Ltd. 71VR1 Datasheet HTML 5Page - M-System Co.,Ltd. 71VR1 Datasheet HTML 6Page - M-System Co.,Ltd. 71VR1 Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MODEL: 71VR1
71VR1 SPECIFICATIONS
ES-7403 Rev.17 Page 2/7
https://www.m-system.co.jp/
GENERAL SPECIFICATIONS
Construction: 96-mm square (1/4 DIN size) panel flush
mounted
Degree of protection: IP65; applicable to the front panel of
the recorder with single mounting according to the specified
panel cutout
Connection: M3 separable screw terminal (torque 0.5 N·m)
Screw terminal: Nickel-plated steel
Housing material: Flame-resistant resin (black)
Isolation: Analog input each other to contact input to
contact output 1 to contact output 2 to Modbus interface to
power to FE (Functional Earth)
Number of assignable logical channels
Analog input: 8 points max.
Contact input: 8 points max.
Contact output: 8 points max.
Data storage: Stores Trend and Alarm history in memory
card.
Trend: Stored in files named time and date.
60000 samples in one file
Storage capacity: 200 files max.
Storage time:
Approx. 13 days at storing rate 0.1 sec.,
approx. 138 days at 1 sec.,
approx. 1388 days at 10 sec.,
approx. 8333 days at 1min.,
approx. 250000 days at 30 min.,
approx. 500000 days at 1 hour.
Alarm history: Stored in alarm history file, 200 items max.
■ DISPLAY
Display device: 3.5-inch TFT LCD
Display colors: 256
Resolution: 320 × 240 pixels
Backlight: LED
Display update interval: 500 msec.
[Legend] Y: Selectable, ---: Not selectable
*Selectable when without thermal input settings
Sample rate:
SAMPLE RATE (sec.)
0
1 to 2
3 to 5
6 to 10
11 to 20
21 to 24
0
1 to 2
3 to 5
6 to 10
11 to 20
21 to 24
Y* Y*
Y*
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
0.1 0.2 0.5
1
2
5
10
20
30
SAMPLE RATE (min.)
SAMPLE RATE (hour)
1
5
10
20
30
1
NUMBER OF MODBUS
LOGICAL CHANNELS
NUMBER OF MODBUS
LOGICAL CHANNELS
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
20 sec. or longer sampling rate is available with firmware of major version 1,
minor version 4.01 or higher.
INPUT SPECIFICATIONS
■ Universal Input (Ai3, Ai4, Ai5)
• DC current input
(Range: Input resistance)
-20 – +20 mA: 50 Ω (separately provided REM2)
• DC voltage input
(Range: Input resistance)
-1 – +1 V: ≥ 1 MΩ
-5 – +5 V: ≥ 1 MΩ
-10 – +10 V: ≥ 1 MΩ
• Thermocouple input: K, E, J, T, B, R, S, C, N, U, L, P, PR
(See Table 1.)
Input resistance: ≥ 30 kΩ
Burnout sensing: ≤ 0.1 μA
Burnout indication: Maximum value (upscale burnout)
of the usable range
• RTD input: Pt 100 (JIS ’97, IEC), Pt 100 (JIS ’89), JPt 100 (JIS
’89), Pt 50Ω (JIS ’81), Ni 100, Cu 10, Cu 50 (See Table 2.)
Input resistance: ≥ 1 MΩ
Maximum leadwire resistance: 100 Ω per wire
Burnout indication: Maximum value (upscale burnout) of the
usable range
Sensing current: ≤ 1 mA
■ DC Current Input (Ai1, Ai2)
(Range: Input resistance)
-20 – +20 mA: 100 Ω (incorporated)
■ DC Voltage Input (Ai1, Ai2)
(Range: Input resistance)
-1 – +1V: ≥ 1MΩ
-5 – +5V: ≥ 1MΩ
-10 – +10V: ≥ 1MΩ
■ Contact Input (Di1, Di2): Dry contact, 2 points
Input resistance: Approx. 1.8 kΩ
Common: Negative
Sensing: 12 V DC
ON current/resistance: ≥ 1.5 mA, ≤ 1.5 kΩ
OFF current/resistance: ≤ 0.75 mA, ≥ 15 kΩ
[Table 1 (Thermocouple input)]
T/C
USABLE
RANGE (°C)
CONFORMANCE
RANGE (°C)
K (CA)
-272 to +1472
-150 to +1370
E (CRC)
-272 to +1100
-170 to +1000
J (IC)
-260 to +1300
-180 to +1200
T (CC)
-272 to
+500
-170 to +400
B (RH)
24 to
1920
1000 to 1760
R
-100 to +1860
380 to 1760
S
-100 to +1860
400 to 1760
C (WRe 5-26)
-52 to +2416
100 to 2315
N
-272 to +1400
-130 to +1300
U
-252 to
+700
-200 to +600
L
-252 to +1000
-200 to +900
P (Platinel II)
-52 to +1496
0 to 1395
(PR)
-52 to +1860
300 to 1760
Overrange input (out of the usable range) is handled as burnout.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com