Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

71VR1 Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # 71VR1
Description  Paperless Recording System
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

71VR1 Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  71VR1 Datasheet HTML 1Page - M-System Co.,Ltd. 71VR1 Datasheet HTML 2Page - M-System Co.,Ltd. 71VR1 Datasheet HTML 3Page - M-System Co.,Ltd. 71VR1 Datasheet HTML 4Page - M-System Co.,Ltd. 71VR1 Datasheet HTML 5Page - M-System Co.,Ltd. 71VR1 Datasheet HTML 6Page - M-System Co.,Ltd. 71VR1 Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MODEL: 71VR1
71VR1 SPECIFICATIONS
ES-7403 Rev.17 Page 4/7
https://www.m-system.co.jp/
EXTERNAL VIEW
■ REAR VIEW
■ FRONT VIEW
1
2
3
4
5
6
7
8
9
10
21
22
23
24
25
26
27
28
29
30
F1
F2
F3
F4
F5
F6
MEM
Memory Card Slot
Display
Infrared
Communication Port
Control Buttons
11
12
13
14
15
16
17
18
19
20
The terminals for number 11 through 20 are only with 5-points input.
COMMUNICATION CABLE CONNECTIONS
RS-485
DA
DB
DG
SLD
FG
R7M
RS-485
DA
DB
DG
SLD
FG
R7M
71VR1
T1
T2
T3
T4
*1. Use a terminating resistor when the device is at the extreme end of a transmission line.
Terminator*
1
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
98 (3.86)
2 (.08)
100 (3.94)
1
2
3
4
5
6
7
8
9
10
21
22
23
24
25
26
27
28
29
30
MOUNTING BRACKET
TERMINAL COVER
6-M3 SCREW
30-M3 SCREW TERMINAL
96 (3.78)
WATERTIGHT PACKING
92 (3.62)
10.5
(.41)
11
12
13
14
15
16
17
18
19
20
The terminals for number 11 through 20 are
only with 5-points input.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com