Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

71VR1 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 71VR1
Description  Paperless Recording System
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

71VR1 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  71VR1 Datasheet HTML 1Page - M-System Co.,Ltd. 71VR1 Datasheet HTML 2Page - M-System Co.,Ltd. 71VR1 Datasheet HTML 3Page - M-System Co.,Ltd. 71VR1 Datasheet HTML 4Page - M-System Co.,Ltd. 71VR1 Datasheet HTML 5Page - M-System Co.,Ltd. 71VR1 Datasheet HTML 6Page - M-System Co.,Ltd. 71VR1 Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MODEL: 71VR1
71VR1 SPECIFICATIONS
ES-7403 Rev.17 Page 1/7
https://www.m-system.co.jp/
Paperless Recording System
PAPERLESS RECORDER
(color LCD display)
Functions & Features
• 96 mm square size
• Records, displays and sets alarms for 8 analog and 8
contact inputs and 8 contact outputs
• Maps the remote I/O data to logical channels
• Built-in I/O: 2 analog, 3 universal and 2 contact inputs and
2 contact outputs
• Trigger function: Records only necessary part of the data
• Recorded data can be transferred to a PC with memory
cards or COP-IRDA and converted to CSV format with
71VRCFG
• TFT color LCD
• IP65 front panel
• Separable two pieces terminal block
• Safety terminal cover tethered to the device with a strap
96 (3.78)
mm (inch)
110.5 (4.35)
96
(3.78)
MODEL: 71VR1-[1][2]1-[3][4]
ORDERING INFORMATION
• Code number: 71VR1-[1][2]1-[3][4]
Specify a code from below for each of [1] through [4].
(e.g. 71VR1-N101-M2/Q)
• Specify the specification for option code /Q
(e.g. /C01)
[1] LANGUAGE
N: Japanese
E: English
(Language (Japanese or English) can be chosen by front
panel setting.)
[2] ANALOG INPUT
00: None
10: DC input, 2-points
50: DC input, 2-points,
Universal input, 3-points (V, mA, T/C, RTD)
EXTERNAL INTERFACE
1: Modbus
[3] POWER INPUT
AC Power
M2: 100 – 240 V AC (Operational voltage range 85 – 264 V, 50/60 Hz)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
P: 110 V DC
(Operational voltage range 85 – 150 V, ripple 10 %p-p max.)
[4] OPTIONS
blank: none
/Q: Options other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
RELATED PRODUCTS
• Precision Resistor Module (model: REM2-50)
Use for mA universal input
• Infrared communication adaptor (model: COP-IRDA)
• PC configurator software (model: 71VRCFG)
Downloadable at M-System’s web site.
• Remote I/O R3 series
Modbus interface module (model: R3-NM1)
• Remote I/O R5 series
Modbus interface module (model: R5-NM1)
• Modbus I/O module (model: R7M)
R7 Configurator Software (Model: R7CON)
Modbus communication parameters of the R7M must be
configured by using R7CON and the dedicated cable.
• Devices equipped with Modbus communication. For
detailed information, visit the M-System’s web site.
• Memory card
A memory card is required to store data in the unit.
Use the specified model number of memeory card.
Available for purchase from M-System. Consult M-System.
- Hagiwara Solutions NSD6-004GH(B21SEI
(NSD6-004GH(A00SDI, NSD6-002GT, NSDA-004GT and
NSDA-004GL ... discontinued)
- Apacer Technology AP-ISD04GIS4B-3T
(AP-ISD04GIS4B-T ... discontinued)


Similar Part No. - 71VR1

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
71V016SA IDT-71V016SA Datasheet
100Kb / 9P
3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
logo
Renesas Technology Corp
71V016SA RENESAS-71V016SA Datasheet
210Kb / 11P
3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
Jun.23.20
71V016SA10BF RENESAS-71V016SA10BF Datasheet
210Kb / 11P
3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
Jun.23.20
71V016SA10BF8 RENESAS-71V016SA10BF8 Datasheet
210Kb / 11P
3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
Jun.23.20
logo
Integrated Device Techn...
71V016SA10BFG IDT-71V016SA10BFG Datasheet
116Kb / 9P
3.3V CMOS Static RAM
More results

Similar Description - 71VR1

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4166M SANYO-LA4166M Datasheet
182Kb / 8P
Recording and Playback System for Microcassette Players
LA4583M SANYO-LA4583M Datasheet
773Kb / 32P
Compact Cassette Stereo Recording and Playback System
logo
Fuji Electric
EDS10-74J FUJI-EDS10-74J Datasheet
988Kb / 12P
PAPERLESS RECORDER
EDS10-75J FUJI-EDS10-75J Datasheet
772Kb / 12P
PAPERLESS RECORDER
EDS10-77E FUJI-EDS10-77E Datasheet
606Kb / 8P
PAPERLESS RECORDER
EDS10-79C FUJI-EDS10-79C Datasheet
829Kb / 12P
PAPERLESS RECORDER
logo
M-System Co.,Ltd.
73VR1100 MSYSTEM-73VR1100 Datasheet
986Kb / 18P
Paperless Recording System
73VR2102 MSYSTEM-73VR2102 Datasheet
389Kb / 18P
Paperless Recording System
73VR3100 MSYSTEM-73VR3100 Datasheet
384Kb / 14P
Paperless Recording System
TR30 MSYSTEM-TR30 Datasheet
489Kb / 8P
Paperless Recorder TR30 Series PAPERLESS RECORDER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com