Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

72EM2M4 Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # 72EM2M4
Description  Gateway 72-UNIT Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

72EM2M4 Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  72EM2M4 Datasheet HTML 1Page - M-System Co.,Ltd. 72EM2M4 Datasheet HTML 2Page - M-System Co.,Ltd. 72EM2M4 Datasheet HTML 3Page - M-System Co.,Ltd. 72EM2M4 Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MODEL: 72EM2-M4
72EM2-M4 SPECIFICATIONS
ES-6731 Rev.7 Page 3/4
http://www.m-system.co.jp/
CONNECTION DIAGRAM
*1. When the 72EM2 unit is located at an end of transmission line via twisted-pair cable (= when there is no cross wiring),
close across the terminal 2 – 11 with the jumper attached to the product.
Remove the jumper for all other units.
*2. Install the 72EM2 and the Ethernet Hub/Transceiver inside the same panel.
In order to extend outside the panel, use a 10BASE-5 cable.
*3. Ground inside the same panel where the 72EM2 is installed.
THIS DEVICE
Ethernet Hub / Transceiver *
2
STP Cable
10BASE-5
Cable
RJ-45 MODULAR JACK
RJ-45 MODULAR JACK
POWER
7
14
8
U
V
FG *
3
T3
T4
T2
T1
Term.
Resist.
+
–
Shielded Twisted-pair Cable
To Other
I/O Modules
Jumper *
1
T1
T2
T3
T4
THIS DEVICE
+
–
DA
DB
DG
SLD
FG
R5-NM1
R3-NM1
FG
Jumper*
*Refer to * in CONNECTION DIAGRAM
■ CONNECTION EXAMPLE
HOW TO CONNECT R3 AND R5 SERIES
Note: For other models, refer to each specification sheet and manual.
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
72 (2.83)
109 (4.29)
10(.39)
139 (5.47)
[3.3 (.13)]
CLAMP
(top & bottom)
DIN RAIL
35mm wide
60 (2.36)
72 (2.83)
7.8 (.31)
2–4.5 (.18) dia.
MTG HOLE
25 (.98) deep
14–M3.5
SCREW
12
5
6
14
11
1
10
15
4
3
2
7
9
8
ETHERNET
RUN
SEND
FIELD
CNFG
T1
T2
T3
T4
RS-485



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com