Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

72EM2M4 Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # 72EM2M4
Description  Gateway 72-UNIT Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

72EM2M4 Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  72EM2M4 Datasheet HTML 1Page - M-System Co.,Ltd. 72EM2M4 Datasheet HTML 2Page - M-System Co.,Ltd. 72EM2M4 Datasheet HTML 3Page - M-System Co.,Ltd. 72EM2M4 Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MODEL: 72EM2-M4
72EM2-M4 SPECIFICATIONS
ES-6731 Rev.7 Page 4/4
http://www.m-system.co.jp/
MOUNTING REQUIREMENTS unit: mm (inch)
60 ± .2
(2.36 ± .01)
2–M4 SCREW
60 ± .2
(2.36 ± .01)
92 (3.62)
SYSTEM CONFIGURATION EXAMPLES
Communication
Adaptor
72EM2-M4
Communication
Adaptor
72EM2-M4
RS-485
Remote I/O modules (R7M etc.)
Max. 31 nodes*
RS-485
STP Cable
Switch / Hub
STP Cable
(10BASE-T, 100BASE-TX)
ETHERNET
RUN
SEND
FIELD
CNFG
ETHERNET
RUN
SEND
FIELD
CNFG
RS-485
RS-485
R3 / R5 / R6 /
R7 Series etc.
Network module
R3-NM1, R5-NM1
R6-NM1, R6-NM2
* The number of nodes actually connected is limited by setting range of the module.
PC Recorder Software
Specifications are subject to change without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com