Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

72EM2M4 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 72EM2M4
Description  Gateway 72-UNIT Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

72EM2M4 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  72EM2M4 Datasheet HTML 1Page - M-System Co.,Ltd. 72EM2M4 Datasheet HTML 2Page - M-System Co.,Ltd. 72EM2M4 Datasheet HTML 3Page - M-System Co.,Ltd. 72EM2M4 Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: 72EM2-M4
72EM2-M4 SPECIFICATIONS
ES-6731 Rev.7 Page 1/4
http://www.m-system.co.jp/
Gateway 72-UNIT Series
ETHERNET COMMUNICATION ADAPTOR
(Modbus use)
Functions & Features
• Bidirectional protocol converter for Modbus/TCP (Ethernet)
and Modbus RTU (RS-485)
• Fast response time thanks to the Cache functions
• Expansion over 31 nodes is possible using additional
72EM2 units
ETHERNET
RUN
SEND
FIELD
CNFG
RS-485
72
(2.83)
149
(5.87)
80
(3.15)
mm (inch)
MODEL: 72EM2–M4–M2
ORDERING INFORMATION
Code number: 72EM2-M4-M2
POWER INPUT
AC Power
M2: 100 – 240 V AC (Operational voltage range 85 – 264 V,
47 – 66 Hz)
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection
•Ethernet: RJ-45 modular jack
•RS-485: Euro type connector terminal
Uint sid connector: MSTB2,5/4-GF-5,08AU
Cable side connector: MSTB2,5/4-STF-5,08AU
(Applicable wire size: 0.2 - 2.5 mm2, stripped length 7 mm)
Recommended solderless terminal
AI0,25-6BU 0.25 mm2 (Phoenix Contact)
AI0,34-6TQ 0.34 mm2 (Phoenix Contact)
AI0,5-6WH 0.5 mm2 (Phoenix Contact)
AI0,75-6GY 0.75 mm2 (Phoenix Contact)
AI1-6RD 1.0 mm2 (Phoenix Contact)
AI1,5-6BK 1.5 mm2 (Phoenix Contact)
•Power input: M3.5 screw terminal
Screw terminal: Chromated steel
Housing material: Flame-resistant resin (black)
Isolation: Ethernet to RS-485 to FG to power
DIP SW Setting: Selection of IP Address and
Maintenance/Normal operation
PC configuration: IP address and transmission speed are
configured via a web browser software (provided by the
user).
Internet Explorer 6.0 or higher
Status indicator
RUN: Green LED light flashes in normal operating
conditions in 1-sec. cycles; 2-sec. cycles when configurating
the unit.
SEND: Green LED light turns on when sending data to
Ethernet.
FIELD: Green LED light turns on when sending data to RS-
485.
■ Modbus RTU
•Nodes: Max. 31
•Supported Commands
Read Coil Status (01)
Read Input Status (02)
Read Holding Registers (03)
Read Input Registers (04)
Force Single Coil (05)
Preset Single Register (06)
Diagnostics (08)
Fetch Comm. Event Counter (11)
Fetch Comm. Event Log (12)
Force Multiple Coils (15)
Preset Multiple Registers (16)
Report Slave ID (17)
■ Cache Commands
Following commands are valid for Cache function.
Read Coil Status (01)
Read Input Status (02)
Read Holding Registers (03)
Read Input Registers (04)
(Up to 100 queries)
ETHERNET COMMUNICATION
Standard: IEEE 802.3u
Transmission type: 10BASE-T, 100BASE-TX
Transmission speed: 10M or 100M bps
(Auto Negotiation)
Protocol: TCP/IP (compatible to Modbus/TCP Standard by
Schneider Automation)
Number of connections: 8
Transmission media:
10BASE-T (STP cable; Category 5)
100BASE-TX (STP cable; Category 5e)
Maximum segment length: 100 meters


Similar Part No. - 72EM2M4

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
72EM2-M4 MSYSTEM-72EM2-M4 Datasheet
241Kb / 4P
Gateway 72-UNIT Series
72EM2-M4-M2 MSYSTEM-72EM2-M4-M2 Datasheet
241Kb / 4P
Gateway 72-UNIT Series
More results

Similar Description - 72EM2M4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
750-658 ETC2-750-658 Datasheet
70Kb / 1P
CAN Gateway
logo
D+H Mechatronic AG
ACN-GW501-MRTU-0200 DH-ACN-GW501-MRTU-0200 Datasheet
476Kb / 2P
Modbus gateway
logo
WIZnet Co., Ltd
WIZFI630S WIZNET-WIZFI630S Datasheet
915Kb / 17P
gateway module
logo
Festo Corporation.
8069773 FESTO-8069773 Datasheet
96Kb / 2P
Gateway
logo
M-System Co.,Ltd.
72EM2-M4 MSYSTEM-72EM2-M4 Datasheet
241Kb / 4P
Gateway 72-UNIT Series
logo
Pepperl+Fuchs Inc.
OHV-F230-B17 PF-OHV-F230-B17 Datasheet
285Kb / 2P
PROFINET Gateway
logo
Wall Industries,Inc.
763-4750-010-000 WALL-763-4750-010-000 Datasheet
269Kb / 4P
Gateway; 750 Series
logo
PHOENIX CONTACT
1031235 PHOENIX-1031235 Datasheet
234Kb / 5P
IoT gateway - CLOUD IOT GATEWAY
logo
EnOcean GmbH.
USB300 ENOCEAN-USB300 Datasheet
144Kb / 1P
USB Gateway
April 2022
logo
G.M. International
D2050 GMI-D2050 Datasheet
252Kb / 2P
Gateway - Power Supply Unit for Multiplexer D2000M Series DIN-Rail Model D2050M
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com