Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

72EM2M4 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # 72EM2M4
Description  Gateway 72-UNIT Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

72EM2M4 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  72EM2M4 Datasheet HTML 1Page - M-System Co.,Ltd. 72EM2M4 Datasheet HTML 2Page - M-System Co.,Ltd. 72EM2M4 Datasheet HTML 3Page - M-System Co.,Ltd. 72EM2M4 Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: 72EM2-M4
72EM2-M4 SPECIFICATIONS
ES-6731 Rev.7 Page 2/4
http://www.m-system.co.jp/
RS-485
Protocol: Modbus RTU
Response timeout: 10 – 10000 msec. (configured by PC)
Configuration: Bus type multi-drop
Standard: Conforms to TIA/EIA-485-A
Communication: Half-duplex, asynchronous, no procedure
Baud rate: 4.8 k or 9.6 k or 19.2 k or 38.4 kbps; default =
38.4 kbps (Start/Stop bit: 1 bit; Data bit: 8 bits; Parity: Odd)
Transmission distance: 500 meters max.
Transmission media: Shielded twisted-pair cable (CPEV-S
0.9 dia.)
INSTALLATION
Power consumption
•AC: Approx. 10 VA
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 20 to 70 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 450 g (0.99 lb)
PERFORMANCE
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @ 1 minute
(Ethernet or FG to RS-485 to power)
500 V AC @ 1 minute (Ethernet to FG)
EXTERNAL VIEW
Configurator Jack
Operation Indicator LED
RJ-45 Modular Jack
DIP SW (behind the cover)
RS-485 Euro Type
Connector Terminal
ETHERNET
RUN
SEND
FIELD
CNFG
T1
T2
T3
T4
RS-485



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com