Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

51U-A2-R1 Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # 51U-A2-R1
Description  Panel Mounted Multi Power Meter 51-UNIT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

51U-A2-R1 Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  51U-A2-R1 Datasheet HTML 1Page - M-System Co.,Ltd. 51U-A2-R1 Datasheet HTML 2Page - M-System Co.,Ltd. 51U-A2-R1 Datasheet HTML 3Page - M-System Co.,Ltd. 51U-A2-R1 Datasheet HTML 4Page - M-System Co.,Ltd. 51U-A2-R1 Datasheet HTML 5Page - M-System Co.,Ltd. 51U-A2-R1 Datasheet HTML 6Page - M-System Co.,Ltd. 51U-A2-R1 Datasheet HTML 7Page - M-System Co.,Ltd. 51U-A2-R1 Datasheet HTML 8Page - M-System Co.,Ltd. 51U-A2-R1 Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
INSTALLATION
Auxiliary power supply
AC:
operational voltage range 85 – 264V,
50/60 Hz, approx. 5.5VA
DC:
operational voltage range for R: 24V ±10%
or P: 85 – 143V; ripple 10% p-p max.;
approx. 5.5W (approx. 230mA at 24V)
Operating temperature: -10 to +50°C (14 to 122°F)
Operating humidity: 30 to 85% RH (non-condensing)
Grounding: grounding resistance ≤100Ω
Mounting: panel flush mounting
Dimensions: W110×H110×D126 mm (4.33"×4.33"×4.96")
Weight:
500 g (1.10 lbs)
PERFORMANCE in percentage of span
Accuracy
Voltage, current: ±1.0%
Watt, var: ±1.5%
Power factor: ±3.0%
Frequency: ±0.5%
Demand: ±1.5%
Zero-phase voltage: ±1.5%
Max. zero-phase voltage: ±1.5%
Watthours: ±2.0% (load current 5 – 100%, power factor 1.0)
±2.5% (load current 10 – 100%, power
factor 0.5, lag current)
Varhours: ±2.5% (load current 10 – 100%, power factor 0)
±2.5% (load current 20 – 100%, power factor 0.866)
±3.0% (load current 10%, power factor 0.866)
Temp. conditioning incl. in the accuray: 23 ±10°C
(73.4 ±18°F)
Freq. conditioning incl. in the accuracy: 45 – 65 Hz
Response time:
≤2 sec. (0 – 100% ±1%)
range
Power failure protection: VT/CT scaling factors,
watthours, max. zero-phase voltage and
demand are stored in non-volatile memory.
Insulation resistance: ≥100MΩ with 500V DC
Dielectric strength: 2000V AC @1 minute
(voltage input to current input to trans-
mission section to display switch input to
aux. power to ground terminal)
2000V AC @1 minute
(circuit to ground terminal; not applica-
ble to analog or transmission terminal)
Surge withstand voltage: 1.2/50 µsec., ±4.5kV
(input to output or ground; not applica-
ble to analog or transmission terminal)
FRONT PANEL CONFIGURATION
The front display configuration varies according to
model numbers (display items).
A. Display
LED:
10 mm (.39") 7 segment, orange
Display items:
DISPLAY
x1 kWh
x10 kWh
V
S – T
R – S
T – R
A
S
R
T
DISPLAY
V RESET
A
S.R.
E F
G H
J
B
D
A
A
A
C
B. Multiplication factor: watt, watthours, var or
varhours on the display (A)
C. Line current indicators: Pressing DISPLAY (J) or
"A" (F) button changes lines (elements).
D. Line current indicators: Pressing DISPLAY (J) or
"V" (G) button changes lines.
E. Primary rating: indicating the primary rating of
current, voltage, watt or demand
F. Line current switch
G. Line voltage switch
H. Reset:
resetting the max. zero-phase voltage or
max. demand; same as the external reset
input via output terminals
J. Display: changing display items, turning the light
on or off; same as the Dis. input via
output terminals
DISPLAY ITEMS
REMARKS
Current
A (1, N, 2)
4
Single-phase / 3-wire
A (R, S, T)
4
3-phase / 3-wire or 4-wire
Voltage
V (RS, ST, TR)
4
3-phase / 3-wire or 4-wire
V (RN, SN, TN)
4
3-phase / 4-wire
Watt
kW
4
– indicator (reverse flow),
×1, ×10 scaling factor ind. LED
Watthours
kWh
5
×1, ×10, ×100 scaling factor LED
Var
kvar
4
– indicator (lead),
×1, ×10 scaling factor ind. LED
Varhours
kvarh
5
×1, ×10, ×100 scaling factor LED
Power factor
PF
3
– indicator (lead)
Frequency
Hz
3
Zero-phase voltage V0
4
Max. zero-phase volt. MV0
4
Demand
DA
4
Measuring/displaying
preset element only
Max. demand
MDA
4
When values exceed the preset values, corresponding LEDs blink.
NO. OF
DIGITS
Ripple:
0.5% p-p max.
Auxiliary supply voltage effect: ±0.1% over voltage
P. 3 / 16
ES-6481 Rev.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com