Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

51U-A2-R1 Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # 51U-A2-R1
Description  Panel Mounted Multi Power Meter 51-UNIT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

51U-A2-R1 Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  51U-A2-R1 Datasheet HTML 1Page - M-System Co.,Ltd. 51U-A2-R1 Datasheet HTML 2Page - M-System Co.,Ltd. 51U-A2-R1 Datasheet HTML 3Page - M-System Co.,Ltd. 51U-A2-R1 Datasheet HTML 4Page - M-System Co.,Ltd. 51U-A2-R1 Datasheet HTML 5Page - M-System Co.,Ltd. 51U-A2-R1 Datasheet HTML 6Page - M-System Co.,Ltd. 51U-A2-R1 Datasheet HTML 7Page - M-System Co.,Ltd. 51U-A2-R1 Datasheet HTML 8Page - M-System Co.,Ltd. 51U-A2-R1 Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
51U
Specifications subject to change without notice.
EXTERNAL DIMENSIONS mm (inch)
■SINGLE-PHASE / 2-WIRE or 3-WIRE, 3-PHASE / 3-WIRE CONNECTION
MOUNTING REQUIREMENTS mm (inch)
■PANEL CUTOUT
110 ±1 (4.33 ±.04)
73 ±1 (2.87 ±.04)
18
(.71)
19
(.75)
35 (1.38)
8(.31)
8(.31)
6(.24)
M5 SCREW
M3 SCREW
M4 SCREW
110 ±1 (4.33 ±.04)
73 ±1 (2.87 ±.04)
18
(.71)
19
(.75)
35 (1.38)
16
(.63)
M5 SCREW
8(.31)
8(.31)
6(.24)
M3 SCREW
M4 SCREW
■3-PHASE / 4-WIRE CONNECTION
90 ±0.5
(3.54 ±0.2)
160 (6.30) min.
102
dia.
2– 6 (.24) dia.
Panel Thickness: 1 to 5.5 mm (.04 – .22 in.)
P. 4 / 16
ES-6481 Rev.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com